Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP51L Arkusz danych(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BAP51L
Szczegółowy opis  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP51L Arkusz danych(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP51L_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9397 750 14554
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 March 2005
2 of 8
Philips Semiconductors
BAP51L
Silicon PIN diode
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 3:
Marking
Type number
Marking code
BAP51L
E2
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
60
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp =90 °C
-
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5:
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
100
K/W
Table 6:
Electrical characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR = 50 V
-
-
100
nA
Cd
diode capacitance
f = 1 MHz; see Figure 2
VR = 0 V
-
0.30
-
pF
VR = 1 V
-
0.23
0.4
pF
VR = 5 V
-
0.17
0.3
pF
rD
diode forward resistance
f = 100 MHz; see Figure 1
IF = 0.5 mA
-
5.3
9
IF = 1 mA
-
3.5
6.5
IF = 10 mA
-
1.4
2.5
IF = 100 mA
-
0.9
1.5
s212
isolation
VR = 0 V; see Figure 4
f = 900 MHz
-
19
-
dB
f = 1800 MHz
-
15
-
dB
f = 2450 MHz
-
13
-
dB


Podobny numer części - BAP51L_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAP51LX NXP-BAP51LX Datasheet
65Kb / 8P
   Silicon PIN diode
Rev. 01-26 June 2007
BAP51LX NXP-BAP51LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP51LX PHILIPS-BAP51LX_15 Datasheet
233Kb / 9P
   Silicon PIN diode
Rev. 2-6 August 2013
logo
Quanzhou Jinmei Electro...
BAP51L_2015 JMNIC-BAP51L_2015 Datasheet
56Kb / 8P
   Silicon PIN diode
More results

Podobny opis - BAP51L_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com