Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3140D2 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TPA3140D2
Szczegółowy opis  TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3140D2 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA3140D2_15 Datasheet HTML 4Page - Texas Instruments TPA3140D2_15 Datasheet HTML 5Page - Texas Instruments TPA3140D2_15 Datasheet HTML 6Page - Texas Instruments TPA3140D2_15 Datasheet HTML 7Page - Texas Instruments TPA3140D2_15 Datasheet HTML 8Page - Texas Instruments TPA3140D2_15 Datasheet HTML 9Page - Texas Instruments TPA3140D2_15 Datasheet HTML 10Page - Texas Instruments TPA3140D2_15 Datasheet HTML 11Page - Texas Instruments TPA3140D2_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Supply Voltage (V)
4
5
6
7
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
18
20
D005
Supply Voltage (V)
4
5
6
7
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
D006
Output Power (W)
0.01
0.1
1
10
10m
100m
1
10
20
20m
50m
200m 500m
2
5
D003
20 Hz
1 kHz
Output Power (W)
0.01
0.1
1
10
10m
100m
1
10
20
20m
50m
200m 500m
2
5
D004
20 Hz
1 kHz
Frequency (Hz)
0.001
0.01
0.1
1
10
20
20k
100
1k
10k
50
200
500
2k
5k
D001
1W
2.5W
5W
Frequency (Hz)
0.001
0.01
0.1
1
10
20
20k
100
1k
10k
50
200
500
2k
5k
D002
1W
2.5W
5W
TPA3140D2
SLOS882A – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
8.7 Typical Characteristics
All Measurements taken at 20dB closed loop gain, 1-kHz audio, TA = 25°C unless otherwise noted. Measurements were
made with AES17 filter using the TPA3140D2 EVM, which is available at ti.com.
AVCC=PVCC = 12 V, Load = 6
Ω + 47 µH, 1 W, 2.5 W, 5 W
AVCC=PVCC = 13 V, Load = 8
Ω + 66 µH, 1 W, 2.5 W, 5 W
Figure 1. Total Harmonic Distortion vs Frequency, 1SPW
Figure 2. Total Harmonic Distortion vs Frequency, 1SPW
(BTL)
(BTL)
AVCC=PVCC = 12 V, Load = 6
Ω + 47 µH, 20 Hz, 1 kHz, 6.7 kHz
AVCC=PVCC = 13 V, Load = 8
Ω + 66 µH, 20 Hz, 1 kHz, 6.7 kHz
Figure 3. Total Harmonic Distortion + Noise vs Output
Figure 4. Total Harmonic Distortion + Noise vs Output
Power, 1SPW (BTL)
Power, 1SPW (BTL)
AVCC=PVCC = 4.5 V to 14.4 V, Load = 6
Ω + 47 µH, AGL + PLIM
AVCC=PVCC = 4.5 V to 14.4 V, Load = 8
Ω + 66 µH, AGL + PLIM
disable (LIMRATE = GND, LIMTHRES = GVDD)
disable (LIMRATE = GND, LIMTHRES = GVDD)
Figure 5. Output Power vs Supply Voltage, 1SPW (BTL)
Figure 6. Output Power vs Supply Voltage, 1SPW (BTL)
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3140D2


Podobny numer części - TPA3140D2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3140D2PWP TI1-TPA3140D2PWP Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3140D2PWPR TI1-TPA3140D2PWPR Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
More results

Podobny opis - TPA3140D2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3138D2 TI1-TPA3138D2 Datasheet
970Kb / 35P
[Old version datasheet]   10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com