Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2030 Arkusz danych(PDF) 6 Page - Unisonic Technologies

Numer części TDA2030
Szczegółowy opis  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030 Arkusz danych(HTML) 6 Page - Unisonic Technologies

Back Button TDA2030_15 Datasheet HTML 2Page - Unisonic Technologies TDA2030_15 Datasheet HTML 3Page - Unisonic Technologies TDA2030_15 Datasheet HTML 4Page - Unisonic Technologies TDA2030_15 Datasheet HTML 5Page - Unisonic Technologies TDA2030_15 Datasheet HTML 6Page - Unisonic Technologies TDA2030_15 Datasheet HTML 7Page - Unisonic Technologies TDA2030_15 Datasheet HTML 8Page - Unisonic Technologies TDA2030_15 Datasheet HTML 9Page - Unisonic Technologies TDA2030_15 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TDA2030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R107-004,D
TYPICAL PERFORMANCE CHARACTERISTICS
24
28
32
34
36
40
5
15
25
35
45
Output Power vs. Supply Voltage
Vs (V)
10
-1
10
0
10
1
10
-2
10
-1
10
0
f=15kHz
f=1kHz
Vs=36V
RL=4
Gv=20dB
PoUT (W)
Total Harmonic Distortion vs. Output Power
100
250
400
550
700
0
5
10
15
20
Gv=26dB
Gv=20dB
VIN (mV)
Output Power vs. Input Level
0
5
10
15
20
0
8
16
24
32
PoUT (W)
Complete
Amplifier
UTC
TDA2030
Power Dissipation vs. Output Power


Podobny numer części - TDA2030_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TDA2030-TA5-T UTC-TDA2030-TA5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Hotchip Technology Co.,...
TDA2030-TA5-T HOTCHIP-TDA2030-TA5-T Datasheet
1Mb / 14P
   Very low extermal component required
logo
Unisonic Technologies
TDA2030-TB5-T UTC-TDA2030-TB5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Hotchip Technology Co.,...
TDA2030-TB5-T HOTCHIP-TDA2030-TB5-T Datasheet
1Mb / 14P
   Very low extermal component required
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
More results

Podobny opis - TDA2030_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com