Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2004-H14-B-T Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części TDA2004-H14-B-T
Szczegółowy opis  1010W STEREO AMPLIFIER FOR CAR RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004-H14-B-T Arkusz danych(HTML) 4 Page - Unisonic Technologies

  TDA2004-H14-B-T Datasheet HTML 1Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 2Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 3Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 4Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 5Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 6Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 7Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TDA2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R107-034.C
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Voltage Gain (open loop)
GV
f=1kHz
90
dB
Voltage Gain (closed loop)
f=1KHz
48
50
51
dB
Closed Loop Gain Matching
0.5
dB
Total Input Noise Voltage
eN
RG=10KΩ (Note 2)
1.5
5
μV
Supply Voltage Rejection
SVR
fRIPPLE=100Hz, RG=10kΩ
C3=10μF, VRIPPLE=0.5Vrms
35
45
dB
Efficiency
η
VSS=14.4V, f=1kHz
RL=4Ω, PO=6.5W
70
%
RL=2Ω, PO=10W
60
%
VSS=13.2V, f=1kHz
RL=3.2Ω,
PO=6.5W
70
%
RL=1.6Ω,
PO=10W
60
%
Thermal Shut-down Junction
Temperature
TJ
145
°C
Notes: 1. 9.3W without Bootstrap
2. Bandwith Filter: 22Hz ~ 22KHz.


Podobny numer części - TDA2004-H14-B-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TDA2004-H14-T UTC-TDA2004-H14-T Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
More results

Podobny opis - TDA2004-H14-B-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
   10 10W STEREO AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
293Kb / 17P
   10 10 W stereo amplifier for car radio
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com