Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7266L-J15-D-T Arkusz danych(PDF) 5 Page - Unisonic Technologies

Numer części TDA7266L-J15-D-T
Szczegółowy opis  7W DUAL BRIDGE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266L-J15-D-T Arkusz danych(HTML) 5 Page - Unisonic Technologies

  TDA7266L-J15-D-T Datasheet HTML 1Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 2Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 3Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 4Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 5Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 6Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 7Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TDA7266
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R107-037,C
APPLICATION SUGGESTION
For Microprocessor Application
In order to avoid annoying ”Pop-Noise” during Turn-On/Off transients, it is necessary to guarantee the right ST-BY
and MUTE signals sequence. It is quite simple to obtain this function using a microprocessor (Fig 1 and Fig 2).
At first ST-BY signal (from mP) goes high and the voltage across the ST-BY terminal (Pin 7) starts to increase
exponentially. The external RC network is intended to turn-on slowly the biasing circuits of the amplifier, this to
avoid ”POP” and ”CLICK” on the outputs.
When this voltage reaches the ST-BY threshold level, the amplifier is switched-on and the external capacitors in
series to the input terminals (C3, C5) start to charge.
It’s necessary to maintain the mute signal low until the capacitors are fully charged, this to avoid that the device
goes in play mode causing a loud “Pop Noise” on the speakers.
A delay of 100 ~ 200ms between ST-BY and MUTE signals is suitable for a proper operation.
C5
470µF
C6
100nF
Vcc
13
3
1
2
15
14 OUT2-
OUT2+
OUT1-
OUT1+
PW-GND
MUTE
IN2
ST-BY
IN1
S-GND
7
4
9
12
6
8
C1
0.22µF
R1
10k
C2
10µF
C3
0.22µF
R2
10k
C4
1µF
µP
TDA7266
Fig. 1 Microprocessor Application


Podobny numer części - TDA7266L-J15-D-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TDA7266L-J15-D-T UTC-TDA7266L-J15-D-T Datasheet
257Kb / 8P
   77W DUAL BRIDGE AMPLIFIER
More results

Podobny opis - TDA7266L-J15-D-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_10 Datasheet
257Kb / 8P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
   7W MONO BRIDGE AMPLIFIER
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
   7W AUDIO AMPLIFIER
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
   7W Audio Power Amplifier
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
   7W AF POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
   AF Power Amplifier (7W 7W min, THD = 1.0%)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com