Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8496L-J15-A-T Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części TDA8496L-J15-A-T
Szczegółowy opis  5W AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA8496L-J15-A-T Arkusz danych(HTML) 4 Page - Unisonic Technologies

  TDA8496L-J15-A-T Datasheet HTML 1Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 2Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 3Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 4Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 5Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 6Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TDA8496
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R107-030,F
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
MUTE STAND-BY & INPUT SELECTION FUNCTIONS
Stand-by ON Threshold
VTHD(SON)
3.5
V
Stand-by OFF Threshold
VTHD(SOFF)
1.5
V
Mute ON threshold
VTHD(MON)
3.5
V
Mute OFF threshold
VTHD(MOFF)
1.5
V
Mute Attenuation
AMUTE
50
65
dB
Quiescent Current @ Stand-by
IQ(ST-BY)
0.6
1
mA
Stand-by Bias Current
IST-BY(BIAS)
Stand by ON: VST-BY = 5V,VMUTE= 5V
80
µA
Play or Mute
-20
-5
µA
Mute Bias Current
IMUTE(BIAS) Mute
1
5
µA


Podobny numer części - TDA8496L-J15-A-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TDA8496L-J15-A-T UTC-TDA8496L-J15-A-T Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496L-J15-A-T UTC-TDA8496L-J15-A-T Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496L-J15-A-T UTC-TDA8496L-J15-A-T Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Podobny opis - TDA8496L-J15-A-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
STA543SA STMICROELECTRONICS-STA543SA Datasheet
523Kb / 23P
   Triple Amplifier with DC Volume Control
TDA7494 STMICROELECTRONICS-TDA7494 Datasheet
238Kb / 12P
   10W AMPLIFIER WITH DC VOLUME CONTROL
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
   2 AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com