Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A24159 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TS3A24159
Szczegółowy opis  TS3A24159 0.3-廓 2-Channel SPDT Bidirectional Analog Switch Dual-Channel 2:1 Multiplexer and Demultiplexer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3A24159 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TS3A24159_15 Datasheet HTML 4Page - Texas Instruments TS3A24159_15 Datasheet HTML 5Page - Texas Instruments TS3A24159_15 Datasheet HTML 6Page - Texas Instruments TS3A24159_15 Datasheet HTML 7Page - Texas Instruments TS3A24159_15 Datasheet HTML 8Page - Texas Instruments TS3A24159_15 Datasheet HTML 9Page - Texas Instruments TS3A24159_15 Datasheet HTML 10Page - Texas Instruments TS3A24159_15 Datasheet HTML 11Page - Texas Instruments TS3A24159_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TS3A24159
SCDS238D – MARCH 2007 – REVISED JULY 2015
www.ti.com
Electrical Characteristics for 2.5-V Supply (continued)
VCC = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX UNIT
ANALOG SWITCH (continued)
COM
VNC or VNO = Open, VCOM = 0.5 V, Switch ON,
25°C
–10
10
ON leakage
ICOM(ON)
or
See
2.7 V
nA
Full
–100
100
current
VNC or VNO = Open, VCOM = 2.2 V, Figure 12
DIGITAL CONTROL INPUTS (IN1, IN2)(2)
Input logic high
VIH
Full
1.25
V
Input logic low
VIL
Full
0.5
V
25°C
–40
5
40
Input leakage
IIH, IIL
VI = 2.7 V or 0
2.7 V
nA
current
Full
–50
50
DYNAMIC
CL = 1 nF,
VGEN = 0,
Charge injection
QC
See
25°C
2.5 V
8
pC
RGEN = 0,
Figure 19
NC, NO
CNC(OFF),
VNC or VNO = VCC or GND,
See
25°C
2.5 V
90
pF
OFF capacitance
CNO(OFF)
Switch OFF,
Figure 13
NC, NO
CNC(ON),
VNC or VNO = VCC or GND,
See
25°C
2.5 V
250
pF
ON capacitance
CNO(ON)
Switch ON,
Figure 13
COM
VCOM = VCC or GND,
See
CCOM(ON)
25°C
2.5 V
250
pF
ON capacitance
Switch ON,
Figure 13
Digital input
See
CI
VI = VCC or GND,
25°C
2.5 V
2
pF
capacitance
Figure 13
RL = 50 Ω,
See
Bandwidth
BW
25°C
2.5 V
23
MHz
Switch ON,
Figure 16
RL = 50 Ω,
See
OFF isolation
OISO
25°C
2.5 V
–72
dB
f = 1 MHz,
Figure 17
RL = 50 Ω,
See
Crosstalk
XTALK
25°C
2.5 V
–96
dB
f = 1 MHz,
Figure 18
f = 20 Hz to
Total harmonic
RL = 600 Ω,
20 kHz,
THD
25°C
2.5 V
0.003%
distortion
CL = 50 pF,
See
Figure 20
SUPPLY
25°C
10
100
Positive supply
ICC
VI = VCC or GND
2.7 V
nA
current
Full
700
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6.7 Electrical Characteristics for 1.8-V Supply
VCC = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP MAX UNIT
ANALOG SWITCH
Analog signal
VCOM, VNO,
0
VCC
V
range
VNC
25°C
0.4
0.7
Peak ON
0
≤ (VNO or VNC) ≤VCC,
Switch ON,
rpeak
1.65 V
resistance
ICOM = –2 mA,
See Figure 10
Full
0.8
25°C
0.3
0.45
ON-state
VNO or VNC = 1.5 V,
Switch ON,
ron
1.65 V
resistance
ICOM = –2 mA,
See Figure 10
Full
0.5
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TS3A24159


Podobny numer części - TS3A24159_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS3A24159_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_10 Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com