Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF991 Arkusz danych(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BF991
Szczegółowy opis  N-channel dual-gate MOS-FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF991 Arkusz danych(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF991_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NXP Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF991
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
DYNAMIC CHARACTERISTICS
Measuring conditions (common source): ID = 10 mA; VDS =10V; VG2-S =4V; Tamb =25 °C.
Note
1. Crystal mounted in a SOT103 package.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IG1-SS
gate 1 cut-off current
VG1-S =5V; VG2-S =VDS =0
50
nA
IG2-SS
gate 2 cut-off current
VG2-S =5V; VG1-S =VDS =0
50
nA
IDSS
drain current
VDS =10V; VG1-S = 0; VG2-S =4V
4
25
mA
V(BR)G1-SS
gate 1-source breakdown voltage IG1-SS = 10 mA; VG2-S =VDS =0
6
20
V
V(BR)G2-SS
gate 2-source breakdown voltage IG2-SS = 10 mA; VG1-S =VDS =0
6
20
V
V(P)G1-S
gate 1-source cut-off voltage
ID =20 µA; VDS = 10 V; VG2-S =4V
−−2.5
V
V(P)G2-S
gate 2-source cut-off voltage
ID =20 µA; VDS = 10 V; VG1-S =0
−−2.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
transfer admittance
f = 1 kHz
10
14
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
2.1
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1
pF
Crs
feedback capacitance
f = 1 MHz
20
fF
Cos
output capacitance
f = 1 MHz
1.1
pF
F
noise figure
f = 100 MHz; GS = 1 mS; BS =BSopt
0.7
1.7
dB
f = 200 MHz; GS = 2 mS; BS =BSopt
12dB
Gtr
transducer gain; note 1
f = 100 MHz; GS = 1 mS; BS =BSopt;
GL = 0.5 mS; BL =BLopt
29
dB
f = 200 MHz; GS = 2 mS; BS =BSopt;
GL = 0.5 mS; BL =BLopt
26
dB
Y
fs
Rev. 03 - 20 November 2007
4 of 7


Podobny numer części - BF991_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF991_2015 JMNIC-BF991_2015 Datasheet
232Kb / 7P
   N-channel dual-gate MOS-FET
More results

Podobny opis - BF991_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com