Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A44159TD2 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TS3A44159TD2
Szczegółowy opis  TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159TD2 Arkusz danych(HTML) 1 Page - Texas Instruments

  TS3A44159TD2 Datasheet HTML 1Page - Texas Instruments TS3A44159TD2 Datasheet HTML 2Page - Texas Instruments TS3A44159TD2 Datasheet HTML 3Page - Texas Instruments TS3A44159TD2 Datasheet HTML 4Page - Texas Instruments TS3A44159TD2 Datasheet HTML 5Page - Texas Instruments TS3A44159TD2 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS3A44159-DIE
SCDS354 – FEBRUARY 2014
TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer
With Two Controls
1 Features
3 Description
The TS3A44159-DIE is a quad single-pole double-
1
Specified Break-Before-Make Switching
throw (SPDT) analog switch with two control inputs.
Low ON-State Resistance
This device is also known as a dual double-pole
Low Charge Injection
double-throw (DPDT) configuration. It offers low ON-
state resistance and excellent ON-state resistance
Excellent ON-State Resistance Matching
matching with the break-before-make feature, to
Low Total Harmonic Distortion (THD)
prevent signal distortion during the transferring of a
signal from one channel to another. The device has
2 Applications
an
excellent
total
harmonic
distortion
(THD)
performance and consumes very low power. These
Cell Phones
features make this device suitable for portable audio
PDAs
applications.
Portable Instrumentation
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communication Circuits
Modems
Hard Drives
Computer Peripherals
Wireless Terminals and Peripherals
Ordering Information(1)
PACKAGE
PRODUCT
PACKAGE
ORDERABLE PART NUMBER
PACKAGE QUANTITY
DESIGNATOR
TS3A44159TD1
221
TS3A44159
TD
Bare die in waffle pack(2)
TS3A44159TD2
10
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Processing is per the Texas Instruments commercial production baseline and is in compliance with the Texas Instruments Quality
Control System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room
temperature only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not
warranted. Visual Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TS3A44159TD2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159PWR TI-TS3A44159PWR Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

Podobny opis - TS3A44159TD2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A44159 TI-TS3A44159_15 Datasheet
1Mb / 35P
[Old version datasheet]   TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_08 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com