Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF998WR Arkusz danych(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BF998WR
Szczegółowy opis  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR Arkusz danych(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF998WR_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Sep 05
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a printed-circuit board.
2. Ts is the temperature at the soldering point of the source lead.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VG2-S = 4 V; ID = 10 mA; VDS = 8 V; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
350
K/W
Rth j-s
thermal resistance from junction to soldering point
note 2; Ts =90 °C
200
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)G1-SS
gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-S = 10 mA
6
20
V
V(BR)G2-SS
gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S = 10 mA
6
20
V
V(P)G1-S
gate 1-source cut-off voltage
VG2-S =4V; VDS =8V; ID =20 µA
−−2.5
V
V(P)G2-S
gate 2-source cut-off voltage
VG1-S = 0; VDS =8V; ID =20 µA
−−2V
IDSS
drain-source current
VG2-S =4V; VDS =8V; VG1-S =0
2
18
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =5V
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =5V
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 °C22
25
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
2.1
2.5
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1.2
pF
Cos
drain-source capacitance
f = 1 MHz
1.05
pF
Crs
reverse transfer capacitance f = 1 MHz
25
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
0.6
dB
f = 800 MHz; GS = 3.3 mS; BS =BSopt
1
dB


Podobny numer części - BF998WR_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
More results

Podobny opis - BF998WR_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com