Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3USB30E Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TS3USB30E
Szczegółowy opis  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3USB30E Arkusz danych(HTML) 3 Page - Texas Instruments

  TS3USB30E_15 Datasheet HTML 1Page - Texas Instruments TS3USB30E_15 Datasheet HTML 2Page - Texas Instruments TS3USB30E_15 Datasheet HTML 3Page - Texas Instruments TS3USB30E_15 Datasheet HTML 4Page - Texas Instruments TS3USB30E_15 Datasheet HTML 5Page - Texas Instruments TS3USB30E_15 Datasheet HTML 6Page - Texas Instruments TS3USB30E_15 Datasheet HTML 7Page - Texas Instruments TS3USB30E_15 Datasheet HTML 8Page - Texas Instruments TS3USB30E_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
5
8
4
9
3
10
6
7
D–
GND
D+
OE
V
CC
S
D+
1
2
3
10
4
9
5
8
6
7
GND
D–
S
V
CC
OE
TS3USB30E
www.ti.com
SCDS255F – DECEMBER 2008 – REVISED AUGUST 2015
5 Pin Configuration and Functions
RSW PACKAGE
RSW PACKAGE
DGS PACKAGE
10-PIN UQFN
10-PIN UQFN
10-PIN VSSOP
TOP VIEW
BOTTOM VIEW
TOP VIEW
Pin Functions
PIN
I/O
DESCRIPTION
NAME
UQFN
VSSOP
D1+
1
2
I/O
USB signal path port 1
D1–
7
8
I/O
D+
3
4
I/O
Common USB signal path
D-
5
6
I/O
D2+
2
3
I/O
USB signal path port 2
D2–
6
7
I/O
OE
8
9
I
Bus-switch enable
S
10
1
I
Select input
GND
4
5
Ground
VCC
9
10
Voltage supply
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS3USB30E


Podobny numer części - TS3USB30E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Podobny opis - TS3USB30E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
[Old version datasheet]   TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com