Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1101 Arkusz danych(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BF1101
Szczegółowy opis  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1101 Arkusz danych(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1101_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 May 14
9
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
Table 1
Scattering parameters: VDS = 5 V; VG2-S = 4 V; ID = 12 mA; Tamb =25 °C
Table 2
Noise data: VDS = 5 V; VG2-S = 4 V; ID = 12 mA; Tamb =25 °C
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.987
−4.1
2.922
175.0
0.001
87.6
0.990
−2.2
100
0.985
−8.1
2.908
170.3
0.001
86.1
0.989
−4.3
200
0.976
−16.1
2.875
160.8
0.003
83.3
0.985
−8.5
300
0.963
−23.9
2.820
157.6
0.004
80.4
0.982
−12.6
400
0.949
−31.6
2.762
142.6
0.005
78.2
0.977
−16.8
500
0.933
−38.8
2.665
134.1
0.005
77.8
0.972
−20.8
600
0.916
−45.7
2.591
125.7
0.005
78.9
0.967
−24.7
700
0.897
−52.2
2.498
117.7
0.006
81.8
0.961
−28.5
800
0.877
−58.4
2.410
109.6
0.005
89.1
0.957
−32.2
900
0.856
−64.5
2.318
101.6
0.006
97.1
0.950
−35.8
1000
0.832
−70.3
2.214
94.2
0.006
110.4
0.946
−39.6
f
(MHz)
Fmin
(dB)
Γopt
Rn
(
Ω)
(ratio)
(deg)
800
1.5
0.715
58.3
37.85
Fig.21 Cross-modulation test set-up.
handbook, full pagewidth
DUT
C1
4.7 nF
R1
10 k
MGS315
C4
4.7 nF
L1
2.2 µH
C3
4.7 nF
RL
50
VGG
VAGC
VDS
RGEN
50
VI
R2
50
4.7 nF
C2
RG1


Podobny numer części - BF1101_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1101R PHILIPS-BF1101R Datasheet
128Kb / 16P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101R NXP-BF1101R Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101WR PHILIPS-BF1101WR Datasheet
128Kb / 16P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101WR NXP-BF1101WR Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
More results

Podobny opis - BF1101_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com