Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3166 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3166
Szczegółowy opis  TS5A3166-Q1 0.9-廓 SPST Analog Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A3166 Arkusz danych(HTML) 1 Page - Texas Instruments

  TS5A3166 Datasheet HTML 1Page - Texas Instruments TS5A3166 Datasheet HTML 2Page - Texas Instruments TS5A3166 Datasheet HTML 3Page - Texas Instruments TS5A3166 Datasheet HTML 4Page - Texas Instruments TS5A3166 Datasheet HTML 5Page - Texas Instruments TS5A3166 Datasheet HTML 6Page - Texas Instruments TS5A3166 Datasheet HTML 7Page - Texas Instruments TS5A3166 Datasheet HTML 8Page - Texas Instruments TS5A3166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
NO
IN
1
4
2
COM
SW
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS5A3166-Q1
SCDS357A – JULY 2014 – REVISED DECEMBER 2014
TS5A3166-Q1 0.9-
Ω SPST Analog Switch
1 Features
2 Applications
1
Qualified for Automotive Applications
Cell Phones
Isolation in Powered-Off Mode, V+ = 0
PDAs
Low ON-State Resistance (0.9
Ω)
Radar System
Control Inputs are 5.5 V Tolerant
Infotainment System
Low Charge Injection
Portable Instrumentation
Low Total Harmonic Distortion (THD)
Audio and Video Signal Routing
1.65-V to 5.5-V Single-Supply Operation
Low-Voltage Data-Acquisition Systems
Latch-Up Performance Exceeds 100 mA Per
Communication Circuits
JESD 78, Class II
Modems
ESD Performance Tested Per JESD 22
Hard Drives
2000-V Human-Body Model (A114-B, Class II)
Computer Peripherals
1000-V Charged-Device Model (C101)
Wireless Terminals and Peripherals
Microphone Switching – Notebook Docking
3 Description
The TS5A3166-Q1 is a single-pole single-throw
(SPST) analog switch that is designed to operate
from 1.65 V to 5.5 V. The device offers a low ON-
state resistance. The device has excellent total
harmonic
distortion
(THD)
performance
and
consumes very low power. These features make this
device suitable for portable audio applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS5A3166-Q
SC70 (5)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TS5A3166

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3166 TI-TS5A3166 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166DBVR NSC-TS5A3166DBVR Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3166DBVR TI-TS5A3166DBVR Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166DBVR TI1-TS5A3166DBVR Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results

Podobny opis - TS5A3166

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com