Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1208D Arkusz danych(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BF1208D
Szczegółowy opis  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1208D Arkusz danych(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1208D_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BF1208D_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 May 2007
8 of 22
NXP Semiconductors
BF1208D
Dual N-channel dual gate MOSFET
VDS(A) =VDS(B) =Vsup; VG2-S =4V; Tj =25 °C;
RG1 =86kΩ (connected to ground); see Figure 3.
(1) VDS(B) =5V.
(2) VDS(B) = 4.5 V.
(3) VDS(B) =4V.
(4) VDS(B) = 3.5 V.
(5) VDS(B) =3V.
(6) VDS(B) = 2.5 V.
VDS(A) =5V; VG1-S(B) = 0 V; gate1 (AMP A) is open;
Tj =25 °C.
Fig 8.
Amplifier A: drain current of amplifier A as a
function of supply voltage of A and B amplifier;
typical values
Fig 9.
Amplifier A: drain current as a function of gate2
voltage; typical values
VDS(A) =VDS(B) =5V; VG1-S(B) =0V; fw = 50 MHz;
funw = 60 MHz; Tamb =25 °C; see Figure 33.
VDS(A) =VDS(B) =5V; VG1-S(B) = 0 V; f = 50 MHz;
see Figure 33.
Fig 10. Amplifier A: unwanted voltage for 1 %
cross modulation as a function of gain
reduction; typical values
Fig 11. Amplifier A: gain reduction as a function of
AGC voltage; typical values
Vsup (V)
05
4
23
1
001aaa558
8
12
4
16
20
ID
(mA)
0
001aaa559
VG2-S (V)
06
4
2
16
8
24
32
ID
(mA)
0
(1)
(2)
(3)
(4)
(5)
(6)
gain reduction (dB)
050
40
20
30
10
001aac195
100
90
110
120
Vunw
(dB
µV)
80
VAGC (V)
04
3
12
001aac196
30
20
40
10
0
gain
reduction
(dB)
50


Podobny numer części - BF1208D_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF1208D_2015 JMNIC-BF1208D_2015 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
More results

Podobny opis - BF1208D_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com