Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1210 Arkusz danych(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BF1210
Szczegółowy opis  Dual N-channel dual gate MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1210 Arkusz danych(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1210_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
BF1210_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2006
4 of 21
NXP Semiconductors
BF1210
Dual N-channel dual gate MOSFET
6.
Thermal characteristics
7.
Static characteristics
[1]
RG1 connects gate1 to VGG = 5 V. See Figure 32.
8.
Dynamic characteristics
8.1 Dynamic characteristics for amplifier A
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
240
K/W
Table 7.
Static characteristics
Tj =25 °C.
Symbol
Parameter
Conditions
Min
Typ Max Unit
Per MOSFET; unless otherwise specified
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S =0V; ID =10 µA
amplifier A
6
-
-
V
amplifier B
6
-
-
V
V(BR)G1-SS
gate1-source breakdown voltage
VG2-S =VDS =0V; IG1-S =10mA
6
-
10
V
V(BR)G2-SS
gate2-source breakdown voltage
VG1-S =VDS =0V; IG2-S =10mA
6
-
10
V
VF(S-G1)
forward source-gate1 voltage
VG2-S =VDS =0V; IS-G1 = 10 mA
0.5
-
1.5
V
VF(S-G2)
forward source-gate2 voltage
VG1-S =VDS =0V; IS-G2 = 10 mA
0.5
-
1.5
V
VG1-S(th)
gate1-source threshold voltage
VDS =5V; VG2-S =4V; ID = 100 µA
0.3
-
1.0
V
VG2-S(th)
gate2-source threshold voltage
VDS =5V; VG1-S =5V; ID = 100 µA
0.4
-
1.0
V
IDS
drain-source current
VG2-S =4V
[1]
amplifier A; VDS(A) =5V; RG1(A) =59kΩ
14
-
24
mA
amplifier B; VDS(B) =5V; RG1(B) = 150 kΩ
9
-
17
mA
IG1-S
gate1 cut-off current
VG2-S =0V; VDS(A) =VDS(B) =0V
amplifier A; VG1-S(A) =5V
-
-
50
nA
amplifier B; VG1-S(B) =5V
-
-
50
nA
IG2-S
gate2 cut-off current
VG2-S =4V; VDS(A) =VDS(B) =0V;
VG1-S(A) =VG1-S(B) =0V
-
-
20
nA
Table 8.
Dynamic characteristics for amplifier A
Common source; Tamb =25 °C; VG2-S =4V; VDS(A) =5V; ID(A) =19mA.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
|yfs|
forward transfer admittance
Tj =25 °C26
31
41
mS
Ciss(G1)
input capacitance at gate1
f = 100 MHz
[1] -
2.2
2.7
pF
Ciss(G2)
input capacitance at gate2
f = 100 MHz
[1] -
3.0
-
pF
Coss
output capacitance
f = 100 MHz
[1] -
0.9
-
pF
Crss
reverse transfer capacitance f = 100 MHz
[1] -20
-
fF


Podobny numer części - BF1210_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF1210_2015 JMNIC-BF1210_2015 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results

Podobny opis - BF1210_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com