Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1212 Arkusz danych(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BF1212
Szczegółowy opis  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1212 Arkusz danych(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1212_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1212_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1212_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1212_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1212_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1212_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1212_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1212_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1212_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2003 Nov 14
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1212; BF1212R; BF1212WR
handbook, halfpage
0
50
100
200
250
0
200
150
150
100
50
MDB828
(2)
(1)
Ptot
(mW)
Ts (°C)
Fig.4 Power derating curve.
(1) BF1212WR.
(2) BF1212; BF1212R.
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. RG1 connects G1 to VGG =5V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S =0V; ID =10 µA6
V
V(BR)G1-SS gate 1-source breakdown voltage
VG2-S =VDS =0V; IG1-S =10mA
6
10
V
V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS =0V; IG2-S =10mA
6
10
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS =0V; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS =0V; IS-G2 = 10 mA
0.5
1.5
V
VG1-S(th)
gate 1-source threshold voltage
VG2-S =4V; VDS =5V; ID = 100 µA
0.3
1.0
V
VG2-S(th)
gate 2-source threshold voltage
VG1-S =5V; VDS =5V; ID = 100 µA
0.35
1.0
V
IDSX
drain-source current
VG2-S =4V; VDS =5V; RG1 = 150 kΩ;
note 1
816
mA
IG1-S
gate 1 cut-off current
VG2-S =VDS =0V; VG1-S =5V
50
nA
IG2-S
gate 2 cut-off current
VG1-S =VDS =0V; VG2-S =4V
20
nA


Podobny numer części - BF1212_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1212R PHILIPS-BF1212R Datasheet
131Kb / 15P
   N-channel dual-gate MOS-FETs
2003 Nov 14
BF1212R NXP-BF1212R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1212WR PHILIPS-BF1212WR Datasheet
131Kb / 15P
   N-channel dual-gate MOS-FETs
2003 Nov 14
BF1212WR NXP-BF1212WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
More results

Podobny opis - BF1212_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com