Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A22364 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TS5A22364
Szczegółowy opis  TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A22364 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TS5A22364_15 Datasheet HTML 2Page - Texas Instruments TS5A22364_15 Datasheet HTML 3Page - Texas Instruments TS5A22364_15 Datasheet HTML 4Page - Texas Instruments TS5A22364_15 Datasheet HTML 5Page - Texas Instruments TS5A22364_15 Datasheet HTML 6Page - Texas Instruments TS5A22364_15 Datasheet HTML 7Page - Texas Instruments TS5A22364_15 Datasheet HTML 8Page - Texas Instruments TS5A22364_15 Datasheet HTML 9Page - Texas Instruments TS5A22364_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TS5A22364
SCDS261G – MARCH 2008 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics for 2.5-V Supply (continued)
VCC = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
DYNAMIC
25°C
2.5 V
44
80
VCOM = VCC,
CL = 35 pF,
tON
Turnon time
ns
2.3 V to
RL = 300 Ω,
see Figure 17
Full
120
2.7 V
25°C
2.5 V
22
70
VCOM = VCC,
CL = 35 pF,
tOFF
Turnoff time
ns
2.3 V to
RL = 300 Ω,
see Figure 17
Full
70
2.7 V
Break-before-make
tBBM
See Figure 18
25°C
2.5 V
1
7
ns
time
QC
Charge injection
VGEN = 0, RGEN = 0
CL = 1 nF, see Figure 22
25°C
2.5 V
150
pC
NC, NO, COM
VCOM = VCC or GND,
CCOM(ON)
See Figure 16
25°C
2.5 V
370
pF
ON capacitance
Switch ON, f = 10 MHz
Digital input
CI
VIN = VCC or GND
See Figure 16
25°C
2.5 V
2.6
pF
capacitance
BW
Bandwidth
RL = 50 Ω, –3 dB
25°C
2.5 V
17
MHz
f = 100 kHz, see
OISO
OFF isolation
RL = 50 Ω
25°C
2.5 V
–66
dB
Figure 20
f = 100 kHz,
XTALK
Crosstalk
RL = 50 Ω
25°C
2.5 V
–75
dB
see Figure 21
Total harmonic
RL = 600 Ω,
f = 20 Hz to
THD
25°C
2.5 V
0.01%
distortion
CL = 35 pF,
20 kHz, see Figure 23
SUPPLY
25°C
0.2
1.1
VCOM and VIN = VCC or GND,
2.7 V
μA
VNC and VNO = Floating
Full
1.3
Positive
ICC
VCOM = VCC – 5.5,
supply current
VIN = VCC or GND,
Full
2.7 V
3.3
μA
VNC and VNO = Floating
6.6 Electrical Characteristics for 3.3-V Supply
VCC = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VCOM,
Analog signal
VCC – 5.5
VCC
V
VNO, VNC
range
VNC or VNO ≤ VCC, 1.5 V,
25°C
0.61
0.87
ON-state
COM to NO or NC,
Ron
VCC – 5.5 V,
3 V
resistance
see Figure 13
Full
0.97
ICOM = –100 mA,
ON-state
25°C
0.024
0.13
VNC or VNO = 1.5 V,
COM to NO or NC,
ΔRon
resistance match
3 V
ICOM = –100 mA,
see Figure 13
Full
0.13
between channels
ON-state
VNC or VNO ≤ VCC, 1.5 V,
25°C
0.12
0.46
COM to NO or NC,
Ron(flat)
resistance
VCC – 5.5 V,
3 V
see Figure 13
Full
0.5
flatness
ICOM = –100 mA,
Shunt switch
RSH
INO or INC = 10 mA
Full
3 V
25
37
resistance
COM
25°C
–50
50
VNC and VNO = Open,
COM to NO or NC,
ICOM(ON)
ON leakage
3.6 V
nA
VCOM = VCC,VCC – 5.5 V,
see Figure 15
Full
–375
375
current
DIGITAL CONTROL INPUTS (IN) (2)
VIH
Input logic high
1.4
5.5
Full
V
VIL
Input logic low
0.8
25°C
–250
250
IIH, IIL
Input leakage current
VIN = VCC or 0
3.6 V
nA
Full
–250
250
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All digital inputs of the device must be held at VCC or GND to ensure proper device operation. Floating digital inputs will cause excessive
current consumption. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, SCBA004.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TS5A22364


Podobny numer części - TS5A22364_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364DGSR TI-TS5A22364DGSR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DGSR TI-TS5A22364DGSR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

Podobny opis - TS5A22364_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com