Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A23157-Q1 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TS5A23157-Q1
Szczegółowy opis  DUAL 15-廓 SPDT ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157-Q1 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TS5A23157-Q1_15 Datasheet HTML 4Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 5Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 6Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 7Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 8Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 9Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 10Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 11Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Frequency −Hz
0.0000
0.0002
0.0004
0.0006
0.0008
0.0010
0.0012
0.0014
0.0016
0.0018
0.0020
100
1000
10000
TA = 25°C
0
1
2
3
4
5
−60
−40
−20
0
20
40
60
80
100
tON
tOFF
TA − Temperature − 5C
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0.1
1
10
100
1000
Frequency − MHz
Bandwidth
Off-Isolation
Crosstalk
TA = 25°C
0
20
40
60
80
100
120
140
0
1
2
3
4
5
VCOM − V
V+ = 1.65 V
V+ = 2.3 V
V+ = 3 V
V+ = 4.5 V
TA = 255C
tON
tOFF
0
2
4
6
8
10
12
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V+ − Supply Voltage − V
TA = 25°C
TS5A23157-Q1
SCDS252A – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1. ron versus VCOM
Figure 2. tON and tOFF versus V+
Figure 3. tON and tOFF versus Temperature
Figure 4. Frequency Response (V+ = 3 V)
(V+ = 5 V)
Figure 5. Total Harmonic Distortion (THD)
versus Frequency (V+ = 3 V)
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TS5A23157-Q1


Podobny numer części - TS5A23157-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

Podobny opis - TS5A23157-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com