Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U18 Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części U18
Szczegółowy opis  BIPOLAR LATCH TYPE HALL EFFECT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U18 Arkusz danych(HTML) 1 Page - Unisonic Technologies

  U18_15 Datasheet HTML 1Page - Unisonic Technologies U18_15 Datasheet HTML 2Page - Unisonic Technologies U18_15 Datasheet HTML 3Page - Unisonic Technologies U18_15 Datasheet HTML 4Page - Unisonic Technologies U18_15 Datasheet HTML 5Page - Unisonic Technologies U18_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U18
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R118-007,A
BIPOLAR LATCH TYPE
HALL-EFFECT FOR
HIGH-TEMPERARURE
OPERATION
DESCRIPTION
U18 is a semiconductor integrated circuit utilizing the Hall effect. It
has been so designed as to operate in the alternating magnetic field
especially at low supply voltage and operation over extended
temperature ranges to +125
.This Hall IC is suitable for application
to various kinds of sensors, contact less switches, and the like.
FEATURES
* Wide supply voltage range of 2.5V to 20V
* Wide temperature operation range of -20
~+125
℃℃
* Alternating magnetic field operation
* TTL and MOS IC are directly drivable by the output
* The life is semipermanent because it employs contact less parts
* SIP-3 package
APPLICATION
* Speed sensor
* Position sensor
* Rotation sensor
* Contact-less sensor
* Motor control
* Built-in protection diode
SIP-3
1
*Pb-free plating product number: U18L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
U18-G03-K
U18L-G03-K
SIP-3
I
G
O
Bulk
Note:
Pin Assignment: I:VCC O:VOUT G:GND
U18L-G 03-K
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) K: Bulk
(2) G03: SIP-3
(3) L: Lead Free Plating, Blank: Pb/Sn


Podobny numer części - U18_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U1831 ETC2-U1831 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1831-3 ETC2-U1831-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1831-6 ETC2-U1831-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1831-7 ETC2-U1831-7 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
Renesas Technology Corp
U18416E RENESAS-U18416E Datasheet
787Kb / 44P
   IECUBE is a registered trademark of NEC Electronics Corporation in Japan and Germany PC/AT is a trademark of International Business Machines Corporation.
More results

Podobny opis - U18_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com