Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX55-C3V0 Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części BZX55-C3V0
Szczegółowy opis  500 mWatt Zener Diode 2.42 to 47 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZX55-C3V0 Arkusz danych(HTML) 1 Page - Micro Commercial Components

  BZX55-C3V0 Datasheet HTML 1Page - Micro Commercial Components BZX55-C3V0 Datasheet HTML 2Page - Micro Commercial Components BZX55-C3V0 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX55-C2V4
THRU
BZX55-C47
500 mWatt
Zener Diode
2.42 to 47 Volts
Features
Silicon Planar Power Zener Diodes
Glass Package
Maximum Ratings
Symbol
Rating
Rating
Unit
PD
Power dissipation
500
(1)
mW
RJA
Thermal Resistance Junction to Ambient Air
300
(1)
OC/W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature Range
-55 to +150
OC
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
DO-35 GLASS
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
Note: (1) Valid provided that leads at a distance of 3/8" from case are kept at
ambient temperature.


Podobny numer części - BZX55-C3V0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
BZX55-C3V0 GE-BZX55-C3V0 Datasheet
298Kb / 6P
   ZENER DIODES
logo
Pan Jit International I...
BZX55-C3V0 PANJIT-BZX55-C3V0 Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX55-C3V0 TSC-BZX55-C3V0 Datasheet
73Kb / 3P
   500mW Zener Diode
logo
GOOD-ARK Electronics
BZX55-C3V0 GOOD-ARK-BZX55-C3V0 Datasheet
316Kb / 7P
   Zener Diodes
More results

Podobny opis - BZX55-C3V0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
BZX55C2V0 MCC-BZX55C2V0 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Tiger Electronic Co.,Lt...
DL5221 TGS-DL5221 Datasheet
421Kb / 2P
   500 mW Zener Diode 2.4 to 47 Volts
logo
Shanghai Lunsure Electr...
DL5221 CHENYI-DL5221 Datasheet
858Kb / 2P
   500mw zener diode 2.4 to 47 volts
logo
Micro Commercial Compon...
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
   350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
logo
Rectron Semiconductor
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com