Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC3152 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części DAC3152
Szczegółowy opis  Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC3152 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button DAC3152_15 Datasheet HTML 3Page - Texas Instruments DAC3152_15 Datasheet HTML 4Page - Texas Instruments DAC3152_15 Datasheet HTML 5Page - Texas Instruments DAC3152_15 Datasheet HTML 6Page - Texas Instruments DAC3152_15 Datasheet HTML 7Page - Texas Instruments DAC3152_15 Datasheet HTML 8Page - Texas Instruments DAC3152_15 Datasheet HTML 9Page - Texas Instruments DAC3152_15 Datasheet HTML 10Page - Texas Instruments DAC3152_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
DAC3152
DAC3162
www.ti.com
SLAS736D – NOVEMBER 2010 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS – AC SPECIFICATIONS
DVDD18 = CLKVDD18 = 1.8 V, AVDD33 = 3.3 V, fDAC = 500 MSPS, fOUT = 1 MHz over recommended operating free-air
temperature range, IOUTFS = 20mA (unless otherwise noted)
DAC3152
DAC3162
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG OUTPUT (1)
fDAC
Maximum DAC rate
500
500
MSPS
ts(DAC)
Transition: Code 0x0000 to
Output settling time to 0.1%
10
10
ns
0xFFFF
tr(IOUT)
Output rise time, 10% to 90%
220
220
ps
tf(IOUT)
Output fall time, 90% to 10%
220
220
ps
DAC clock
Latency
1.5
1.5
cycles
IOUT current settling to
DAC wake-up time
2
2
μs
1% of IOUTFS.
Power-up
time
IOUT current settling to
DAC sleep time
2
2
μs
less than 1% of IOUTFS.
AC PERFORMANCE(2)
fDAC = 500 MSPS,
78
79
fOUT = 10 MHz
Spurious-free dynamic range, single
fDAC = 500 MSPS,
SFDR
74
74
dBc
tone at 0 dBFS
fOUT = 20 MHz
fDAC = 500 MSPS,
59
60
fOUT = 70 MHz
fDAC = 500 MSPS,
91
93
fOUT = 10 ± 0.5 MHz
Third-order two-tone intermodulation
fDAC = 500 MSPS,
IMD3
85
86
dBc
distortion, each tone at –12 dBFS
fOUT = 20 ± 0.5 MHz
fDAC = 500 MSPS,
62
62
fOUT = 70 ± 0.5 MHz
fDAC = 500 MSPS,
–145
–155
fOUT = 10 MHz
Noise spectral density, single tone at
NSD
dBc/Hz
0 dBFS
fDAC = 500 MSPS,
–140
–140
fOUT = 70 MHz
fDAC = 491.52 MSPS,
68
76
fOUT = 30 MHz
Adjacent-channel leakage ratio,
ACLR(3)
dBc
single carrier
fDAC = 491.52 MSPS,
67
70
fOUT = 70 MHz
fDAC = 500 MSPS,
90
Channel isolation
90
dBc
fOUT = 10 MHz
(1)
Measured differentially across IOUTAP/N or IOUTBP/N with 25
Ω each to AVDD.
(2)
4:1 transformer output termination, 50-
Ω doubly terminated load.
(3)
Single carrier, W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at IF, PAR = 12 dB. TESTMODEL 1, 10 ms
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC3152 DAC3162


Podobny numer części - DAC3152_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3152IRGZR TI1-DAC3152IRGZR Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152IRGZT TI1-DAC3152IRGZT Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
More results

Podobny opis - DAC3152_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com