Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC3482 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części DAC3482
Szczegółowy opis  DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC3482 Arkusz danych(HTML) 1 Page - Texas Instruments

  DAC3482_15 Datasheet HTML 1Page - Texas Instruments DAC3482_15 Datasheet HTML 2Page - Texas Instruments DAC3482_15 Datasheet HTML 3Page - Texas Instruments DAC3482_15 Datasheet HTML 4Page - Texas Instruments DAC3482_15 Datasheet HTML 5Page - Texas Instruments DAC3482_15 Datasheet HTML 6Page - Texas Instruments DAC3482_15 Datasheet HTML 7Page - Texas Instruments DAC3482_15 Datasheet HTML 8Page - Texas Instruments DAC3482_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
DAC3482
16-bit DAC
16-bit DAC
xN
xN
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC3482
SLAS748F – MARCH 2011 – REVISED AUGUST 2015
DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
1 Features
3 Description
The DAC3482 is a very low power, high dynamic
1
Very Low Power: 900 mW at 1.25 GSPS, Full
range, dual-channel, 16-bit digital-to-analog converter
Operating Conditions
(DAC) with a sample rate as high as 1.25 GSPS.
Multi-DAC Synchronization
The device includes features that simplify the design
Selectable 2x, 4x, 8x, 16x Interpolation Filter
of complex transmit architectures: 2x to 16x digital
Stop-Band Attenuation > 90 dBc
interpolation filters with over 90 dB of stop-band
attenuation
simplify
the
data
interface
and
Flexible On-Chip Complex Mixing
reconstruction filters. A complex mixer allows flexible
Fine Mixer with 32-Bit NCO
carrier placement. A high-performance low jitter clock
Power Saving Coarse Mixer: ± n×Fs/8
multiplier simplifies clocking of the device without
High Performance, Low Jitter Clock Multiplying
significant impact on the dynamic range. The digital
Quadrature Modulator Correction (QMC) enables
PLL
complete IQ compensation for gain, offset, phase,
Digital I and Q Correction
and group delay between channels in direct up-
Gain, Phase, Offset, and Group Delay
conversion applications.
Correction
Digital data is input to the device through a flexible
Digital Inverse Sinc Filter
LVDS data bus with on-chip termination. Data can be
Flexible LVDS Input Data Bus
input either word-wide or byte-wide. The device
includes a FIFO, data pattern checker and parity test
Word- or Byte-Wide Interface
to ease the input interface. The interface also allows
8 Sample Input FIFO
full synchronization of multiple devices.
Data Pattern Checker
The device is characterized for operation over the
Parity Check
entire industrial temperature range of –40°C to 85°C
Temperature Sensor
and is available in a very-small 88-pin 9x9mm
WQFN-MR package or 196-ball 12x12mm NFBGA
Differential Scalable Output: 10 mA to 30 mA
package.
Multiple Package Options: 88-Pin 9x9mm WQFN-
MR and 196-ball 12mmx12mm NFBGA (GREEN /
Very low power, small size, superior crosstalk, high
Pb-Free)
dynamic range, and features of the DAC3482 make it
an ideal fit for today’s communication systems.
2 Applications
Device Information(1)
Cellular Base Stations
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Diversity Transmit
WQFN-MR (88)
9.00 mm x 9.00 mm
DAC3482
Wideband Communications
NFBGA (196)
12.00 mm x 12.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - DAC3482_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Podobny opis - DAC3482_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com