Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC5670-SP Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części DAC5670-SP
Szczegółowy opis  DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC5670-SP Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button DAC5670-SP_15 Datasheet HTML 6Page - Texas Instruments DAC5670-SP_15 Datasheet HTML 7Page - Texas Instruments DAC5670-SP_15 Datasheet HTML 8Page - Texas Instruments DAC5670-SP_15 Datasheet HTML 9Page - Texas Instruments DAC5670-SP_15 Datasheet HTML 10Page - Texas Instruments DAC5670-SP_15 Datasheet HTML 11Page - Texas Instruments DAC5670-SP_15 Datasheet HTML 12Page - Texas Instruments DAC5670-SP_15 Datasheet HTML 13Page - Texas Instruments DAC5670-SP_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
DAC5670-SP
SGLS386F – JANUARY 2009 – REVISED OCTOBER 2014
www.ti.com
7.6 AC Electrical Characteristics
TC,MIN = –55°C to TC,MAX = 125°C, typical values at 25°C, AVDD = 3 to 3.6 V, IoutFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
ANALOG OUTPUT
ts(DAC)
Output setting time to
Mid-scale transition
3.5
ns
0.1%
tpd
7 DACCLK
Output propagation delay
+ 1.5 ns
tr(IOUT)
Output rise time, 10% to
280
ps
90%
tf(IOUT)
Output fall time, 90% to
280
ps
10%
AC PERFORMANCE
ƒDAC = 2.4 GSPS, ƒOUT = 100 MHz, Dual-port
46
55
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 200 MHz, Dual-port
51
mode, 0 dBFS
Spurious-free dynamic
ƒDAC = 2.4 GSPS, ƒOUT = 300 MHz, Dual-port
SFDR
31
36
dBc
range
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 500 MHz, Dual-port
35
43
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 500 MHz, Dual-port
47
mode, –6 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 100 MHz, Dual-port
58
60
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 200 MHz, Dual-port
60
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 300 MHz, Dual-port
SNR
Signal-to-noise ratio
56
62
dBc
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 500 MHz, Dual-port
51
58
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 500 MHz, Dual-port
52
mode, –6 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 100 MHz, Dual-port
45
52
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 200 MHz, Dual-port
50
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 300 MHz, Dual-port
THD
Total harmonic distortion
31
36
dBc
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 500 MHz, Dual-port
35
46
mode, 0 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 500 MHz, Dual-port
44
mode, –6 dBFS
ƒDAC = 2.4 GSPS, ƒOUT = 99 MHz and 102 MHz,
70
dBc
Each tone at –6 dBFS, Dual-port mode.
ƒDAC = 2.4 GSPS, ƒOUT = 200 MHz and 202
68
dBc
MHz, Each tone at –6 dBFS, Dual-port mode.
Third-order two-tone
IMD3
intermodulation
ƒDAC = 2.4 GSPS, ƒOUT = 253 MHz and 257
47
57
dBc
MHz, Each tone at –6 dBFS, Dual-port mode.
ƒDAC = 2.4 GSPS, ƒOUT = 299 MHz and 302
35
55
dBc
MHz, Each tone at –6 dBFS, Dual-port mode.
ƒDAC = 2.4 GSPS, ƒOUT = 298 MHz, 299 MHz,
IMD
Four-tone intermodulation
300 MHz, and 301 MHz, Each tone at –12
47
62.5
dBc
dBFS, Dual-port mode.
(1)
Typicals are characterization values at 25°C and AVDD = 3.3 V. These parameters are characterized, but not production tested.
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: DAC5670-SP


Podobny numer części - DAC5670-SP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC5670-SP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com