Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC5672-EP Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części DAC5672-EP
Szczegółowy opis  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC5672-EP Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button DAC5672-EP_15 Datasheet HTML 2Page - Texas Instruments DAC5672-EP_15 Datasheet HTML 3Page - Texas Instruments DAC5672-EP_15 Datasheet HTML 4Page - Texas Instruments DAC5672-EP_15 Datasheet HTML 5Page - Texas Instruments DAC5672-EP_15 Datasheet HTML 6Page - Texas Instruments DAC5672-EP_15 Datasheet HTML 7Page - Texas Instruments DAC5672-EP_15 Datasheet HTML 8Page - Texas Instruments DAC5672-EP_15 Datasheet HTML 9Page - Texas Instruments DAC5672-EP_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, independent gain set mode
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Reference Output
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
Reference Input
VEXTI
Input voltage
0.1
1.25
V
O
RI
Input resistance
1
M
Small signal bandwidth
300
kHz
CI
Input capacitance
100
pF
Temperature Coefficients
ppm of
Offset drift
2
FSR/
  C
With external reference
  20
ppm of
Gain drift
FSR/
  C
With internal reference
  40
Reference voltage drift
  20
ppm/
  C
(4)
Use an external buffer amplifier with high-impedance input to drive any external load.
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz,
independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load
75
90
resistor
IAVDD
Supply current, analog
mA
Sleep mode with clock
2.5
6
Sleep mode without clock
2.5
25
38
IDVDD
Supply current, digital
Sleep mode with clock
13.4
18
mA
Sleep mode without clock
0.6
330
390
Sleep mode with clock
53
Power dissipation
mW
Sleep mode without clock
9.2
fDATA = 200 MSPS, fOUT = 20 MHz
350
APSRR
Analog power-supply rejection ratio
–0.2
–0.01
0.2
%FSR/V
DPSRR
Digital power-supply rejection ratio
–0.2
0
0.2
%FSR/V
TA
Operating free-air temperature
–55
125
°C
6
Submit Documentation Feedback


Podobny numer części - DAC5672-EP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC5672-EP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com