Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA6220 Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części BA6220
Szczegółowy opis  GENERAL USE ELECTRONIC GOVERNOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6220 Arkusz danych(HTML) 4 Page - Unisonic Technologies

  BA6220_15 Datasheet HTML 1Page - Unisonic Technologies BA6220_15 Datasheet HTML 2Page - Unisonic Technologies BA6220_15 Datasheet HTML 3Page - Unisonic Technologies BA6220_15 Datasheet HTML 4Page - Unisonic Technologies BA6220_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BA6220
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R109-001.D
APPLICATION CIRCUIT
TEST CIRCUIT
4
8
5
1(2)
V
VCC
IM
390Ω
RM
VREF
4
8
5
1(2)
VCC
390Ω
RM1
A
IM
A
RM2
4
8
5
1(2)
V
Vcc
4.4Ω
VREF
VA(SAT)
4
8
5
1(2)
Vcc
390Ω
A
IM
A
I4
180Ω
Fig. 1
Fig. 2
Fig. 3
Fig. 4


Podobny numer części - BA6220_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
BA6220 UTC-BA6220_12 Datasheet
177Kb / 5P
   GENERAL USE ELECTRONIC GOVERNOR
More results

Podobny opis - BA6220_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6220 ROHM-BA6220 Datasheet
43Kb / 3P
   General use electronic governor
logo
Wuxi Youda electronics ...
YD6220 YOUDA-YD6220 Datasheet
134Kb / 3P
   GENERAL USE ELECTRONIC GOVERNOR
logo
Unisonic Technologies
BA6220 UTC-BA6220_12 Datasheet
177Kb / 5P
   GENERAL USE ELECTRONIC GOVERNOR
BA6220 UTC-BA6220 Datasheet
117Kb / 5P
   GENERAL USE ELECTRONIC GOVERNOR
logo
Rohm
BA6235F ROHM-BA6235F Datasheet
38Kb / 3P
   3V electronic governor
logo
Sanyo Semicon Device
2SA1703 SANYO-2SA1703 Datasheet
107Kb / 4P
   Low-Frequency Amp, Electronic Governor Applications??????
2SB1119 SANYO-2SB1119 Datasheet
85Kb / 3P
   LF Amp,Electronic Governor Applications
2SB544 SANYO-2SB544 Datasheet
445Kb / 5P
   Low-Frequency Power Amp, Electronic Governor Applications
logo
KEC(Korea Electronics)
KTC3531T KEC-KTC3531T Datasheet
73Kb / 2P
   LOW FREQUENCY POWER AMP, CONVERTER ELECTRONIC GOVERNOR APPLICATIONS
KTB598 KEC-KTB598 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMP, CONVERTER ELECTRONIC GOVERNOR)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com