Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA1538L-QM1-Y Arkusz danych(PDF) 9 Page - Unisonic Technologies

Numer części UA1538L-QM1-Y
Szczegółowy opis  4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA1538L-QM1-Y Arkusz danych(HTML) 9 Page - Unisonic Technologies

Back Button UA1538L-QM1-Y Datasheet HTML 5Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 6Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 7Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 8Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 9Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 10Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 11Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 12Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
UA1538
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 21
www.unisonic.com.tw
QW-R109-023,C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
INTERFACE
OFF Pin Threshold Voltage
VOFTH
EI=1.3V
VSYS1-
2.0
V
OFF Pin Bias Current
IOFF
OFF=0V
75
95
115
μA
START Pin ON Threshold Voltage
VSTATH1 VSYS1=VSYS2=0V, CT=2.0V
BATT-
1.0
V
START Pin OFF Threshold Voltage
VSTATH2 VSYS1=VSYS2=0V, CT=2.0V
BATT-
0.3
V
START Pin Bias Current
ISTART
START=0V
10
13
20
16
30
19
μA
CLK Pin Threshold Voltage "H"
VCLKTHH
2.0
V
CLK Pin Threshold Voltage "L"
VCLKTHL
0.8
V
CLK Pin Bias Current
ICLK
CLK=3.2V
10
μA
DEAD TIME
DEAD Pin Impedance
RDEAD
52
65
78
kΩ
DEAD Pin Output Voltage
VDEAD
0.78
0.88
0.98
V
STARTER CIRCUIT
Starter Switching Voltage
VSTNM
VSYS1=VSYS2=0→3.2V, START=0V
2.3
2.5
2.7
V
Starter Switching Hysteresis Width
VSNHS
START=0V
130
200
300
mV
Discharge Release
VDIS
1.63
1.83
2.03
V
EMPTY DETECTION
EMP Detection Voltage 1
VEMPT1
VSEL=0V
2.1
2.2
2.3
V
EMP Detection Voltage 2
VEMPT2
ISEL=- 2µA
1.7
1.8
1.9
V
EMP Detection Hysteresis Voltage 1
VEMHS1
VSEL=0V
25
50
100
mV
EMP Detection Hysteresis Voltage 2
VEMHS2
ISEL=- 2µA
25
50
100
mV
EMP Pin Output Voltage
VEMP
IO=1mA, BSEN=1V
0.5
V
EMP Pin Output Leak Current
IEMPL
BSEN=2.4V
1.0
μA
BSEN Pin Input Resistance
RBSEN
VSEL=0V
17
23
27
kΩ
BSEN Pin Leak Current
IBSENL
VSYS1=VSYS2=0V, BSEN=4.5V
1.0
V
SEL Pin Detection Voltage
VSELTH
VSELTH=BATT-SEL BSEN=2.0V
1.5
V
SEL Pin Detection Current
ISELT
-2
μA
RESET CIRCUIT
VSYS1 RESET Threshold Voltage
Ratio
HSRT
Comparison with error amplifier
threshold voltage
85
90
95
%
RESET Detection Hysteresis Width
VRSTHS
25
50
100
mV
RESET Pin Output Voltage
VRST
Io=1mA, VSYS1=VSYS2=2.8V
0.5
V
RESET Pin PULL UP Resistance
RRST
72
90
108
kΩ
AMUTE Pin Output Voltage 1
VAMT1
Io=-1mA, VSYS1=VSYS2=2.8V
BATT
-0.4
BATT
V
AMUTE Pin Output Voltage 2
VAMT2
Io=-1mA,START=0V, VSYS1=VSYS2=0V
BATT
-0.4
BATT
V
AMUTE Pin Pull Down Resistance
RAMT
77
95
113
kΩ


Podobny numer części - UA1538L-QM1-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UA1538L-QM1-Y UTC-UA1538L-QM1-Y Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results

Podobny opis - UA1538L-QM1-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_11 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com