Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2733XMF Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2733XMF
Szczegółowy opis   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMF Arkusz danych(HTML) 1 Page - Texas Instruments

  LM2733XMF Datasheet HTML 1Page - Texas Instruments LM2733XMF Datasheet HTML 2Page - Texas Instruments LM2733XMF Datasheet HTML 3Page - Texas Instruments LM2733XMF Datasheet HTML 4Page - Texas Instruments LM2733XMF Datasheet HTML 5Page - Texas Instruments LM2733XMF Datasheet HTML 6Page - Texas Instruments LM2733XMF Datasheet HTML 7Page - Texas Instruments LM2733XMF Datasheet HTML 8Page - Texas Instruments LM2733XMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM2733
³;´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
5 VIN
C1
2.22F
R2
13.3K
CF
220pF
D1
MBR0520
R1/117K
L1/102H
C2
4.72F
12V
OUT
330mA
(TYP)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2733
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
LM2733 0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
1 Features
3 Description
The LM2733 switching regulators are current-mode
1
40-V DMOS FET Switch
boost converters operating fixed frequency of 1.6
1.6 MHz (“X”), 0.6 MHz (“Y”) Switching Frequency
MHz (“X” option) and 600 kHz (“Y” option).
Low RDS(ON) DMOS FET
The use of SOT-23 package, made possible by the
Switch Current up to 1A
minimal power loss of the internal 1-A switch, and
Wide Input Voltage Range (2.7 V – 14 V)
use of small inductors and capacitors result in the
industry's highest power density. The 40-V internal
Low Shutdown Current (< 1 µA)
switch makes these solutions perfect for boosting to
5-Lead SOT-23 Package
voltages of 16 V or greater.
Uses Tiny Capacitors and Inductors
These parts have a logic-level shutdown pin that can
Cycle-by-Cycle Current Limiting
be used to reduce quiescent current and extend
Internally Compensated
battery life.
Protection is provided through cycle-by-cycle current
2 Applications
limiting and thermal shutdown. Internal compensation
White LED Current Source
simplifies design and reduces component count.
PDA’s and Palm-Top Computers
Device Information(1)
Digital Cameras
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Portable Phones and Games
LM2733
SOT-23 (5)
2.90 mm x 1.60 mm
Local Boost Regulator
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit
Efficiency vs. Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LM2733XMF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2733XMF NSC-LM2733XMF Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2733XMF NSC-LM2733XMF Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2733XMF TI-LM2733XMF Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2733XMF-NOPB TI-LM2733XMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733XMFX NSC-LM2733XMFX Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results

Podobny opis - LM2733XMF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com