Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6115CB Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL6115CB
Szczegółowy opis  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115CB Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL6115CB Datasheet HTML 4Page - Intersil Corporation ISL6115CB Datasheet HTML 5Page - Intersil Corporation ISL6115CB Datasheet HTML 6Page - Intersil Corporation ISL6115CB Datasheet HTML 7Page - Intersil Corporation ISL6115CB Datasheet HTML 8Page - Intersil Corporation ISL6115CB Datasheet HTML 9Page - Intersil Corporation ISL6115CB Datasheet HTML 10Page - Intersil Corporation ISL6115CB Datasheet HTML 11Page - Intersil Corporation ISL6115CB Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN9100.7
April 29, 2010
Typical Performance Curves
FIGURE 3. VDD BIAS CURRENT
FIGURE 4. ISET SOURCE CURRENT
FIGURE 5. CTIM CURRENT SOURCE
FIGURE 6. CTIM OC VOLTAGE THRESHOLD
FIGURE 7. ISL6115, ISL6116 UV THRESHOLD
FIGURE 8. ISL6117, ISL6120 UV THRESHOLD
4.5
4.0
3.5
3.0
2.5
2.0
020
30
50
80
100
TEMPERATURE (°C)
5.0
10
40
60
70
90
20.2
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
20.0
19.0
19.2
19.4
19.6
19.8
20.50
20.32
20.00
19.66
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
19.50
20.16
19.82
CTIM - 0V
1.89
1.88
1.87
1.86
1.85
1.83
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
1.84
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
9.76
9.74
9.75
4.37
4.35
4.36
ISL6116
ISL6115
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
2.70
2.65
1.860
1.850
1.855
ISL6117
2.60
ISL6120
ISL6115, ISL6116, ISL6117, ISL6120


Podobny numer części - ISL6115CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6115CB INTERSIL-ISL6115CB Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
More results

Podobny opis - ISL6115CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com