Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6116CBZA Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL6116CBZA
Szczegółowy opis  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6116CBZA Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL6116CBZA Datasheet HTML 5Page - Intersil Corporation ISL6116CBZA Datasheet HTML 6Page - Intersil Corporation ISL6116CBZA Datasheet HTML 7Page - Intersil Corporation ISL6116CBZA Datasheet HTML 8Page - Intersil Corporation ISL6116CBZA Datasheet HTML 9Page - Intersil Corporation ISL6116CBZA Datasheet HTML 10Page - Intersil Corporation ISL6116CBZA Datasheet HTML 11Page - Intersil Corporation ISL6116CBZA Datasheet HTML 12Page - Intersil Corporation ISL6116CBZA Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN9100.7
April 29, 2010
ISL6115EVAL1Z Board
The ISL6115EVAL1Z is default provided as a +12V high
side switch controller with the CR level set at ~1.5A.
See Figure 21 for ISL6115EVAL1Z schematic and Table
4 for BOM. Bias and load connection points are
provided along with test points for each IC pin.
With J1 installed the ISL6115 will be biased from the
+12V supply (VIN) being switched. Connect the load to
VLOAD+. PWRON pin pulls high internally enabling the
ISL6115 if not driven low via PWRON test point or J2.
With R3 = 750Ω the CR Vth is set to 15mV and with
the 10mΩ sense resistor (R1) the ISL6115EVAL1Z has
a nominal CR level of 1.5A. The 0.01µF delay time to
latch-off capacitor results in a nominal 1ms before
latch-off of output after an OC event.
Also included with the ISL6115EVAL1Z board are one
each of the ISL6116, ISL6117 and ISL6120 for
evaluation of those ICs in a high side application.
Remove J1 and provide a separate +12V IC bias supply
via VBIAS test point.
Reconfiguring the ISL6115EVAL1Z board for a higher
CR level can be done by changing the RSENSE and/or
RISET resistor values as the provided FET is rated for a
much higher current.
ISL6116EVAL1 Board
The ISL6116EVAL1 is default configured as a negative
voltage low side switch controller with a ~2.4A CR
level. See Figure 22 for ISL6116EVAL1 schematic and
Table 4 for BOM and component description. This basic
configuration is capable of controlling both larger
positive or negative potential voltages with minimal
changes.
Bias and load connection points are provided in
addition to test points, TP1 to TP8 for each IC pin. The
terminals, J1 and J4 are for the bus voltage and return,
respectively, with the more negative potential being
connected to J4. With the load between terminals J2
and J3 the board is now configured for evaluation. The
device is enabled through LOGIN, TP9 with a TTL
signal. ISL6116EVAL1 includes a level shifting circuit
with an opto-coupling device for the PWRON input so
that standard TTL logic can be translated to the -V
reference for chip control.
When controlling a positive voltage, PWRON can be
accessed at TP8.
The ISL6116EVAL1 is provided with a high voltage
linear regulator for convenience to provide chip bias
from ±24V to ±350V. This can be removed and
replaced with the zener and resistor bias scheme as
discussed earlier. High voltage regulators and power
discrete devices are no longer available from Intersil
but can be purchased from other semiconductor
manufacturers.
Reconfiguring the ISL6116EVAL1 board for a higher CR
level can be done by changing the RSENSE and RISET
resistor values as the provided FET is 75A rated. If
evaluation at >60V, an alternate FET must be chosen
with an adequate BVDSS.
FIGURE 21. ISL6115EVAL1Z HIGH SIDE SWITCH
APPLICATION
FIGURE 22. ISL6116EVAL1 NEGATIVE VOLTAGE LOW
SIDE CONTROLLER
5
6
8
7
4
3
2
1
ISL6115
U1
R3
R2
C1
C3
R4
J1
VBIAS
VIN
+12V
C2
R1
PWRON
VBIAS
AGND
VLOAD+
U2
VOUT
CTIM
J2
PGOOD
ISL6116
Q2
R2
R7
C1
R5
D2
C3
R1
LOAD
DD1
3.3V
+VBUS
-VBUS
OT1
R9
R8
HI J2
J3 LO
R6
R11
R10
ON
OFF
0V to
U1
J1
J4
PWRON
TP8
LOGIN
TP9
R
G
1
5V
ISL6115, ISL6116, ISL6117, ISL6120


Podobny numer części - ISL6116CBZA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6116CBZA RENESAS-ISL6116CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
More results

Podobny opis - ISL6116CBZA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com