Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPL0102-EP Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPL0102-EP
Szczegółowy opis  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-EP Arkusz danych(HTML) 1 Page - Texas Instruments

  TPL0102-EP_15 Datasheet HTML 1Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 2Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 3Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 4Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 5Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 6Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 7Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 8Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
I
2C INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
A0 A1 A2
HA
LA
HB
LB
WA
WB
VDD
VSS
GND
SDA
SCL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPL0102-EP
SLIS149 – JUNE 2014
TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
1 Features
2 Applications
1
Dual-Channel, 256-Position Resolution
Adjustable Gain Amplifiers and Offset Trimming
Non-Volatile Memory Stores Wiper Settings
Adjustable Power Supplies
2-mm × 2-mm, 14-Pin TSSOP Package
Precision Calibration of Set Point Thresholds
100-k
Ω End-to-End Resistance (TPL0102-100)
Sensor Trimming and Calibration
Fast Power-Up Response Time to Wiper Setting:
Mechanical Potentiometer Replacement
<100 µs
3 Description
±0.5 LSB INL, ±0.25 LSB DNL (Voltage-Divider
The TPL0102-EP is a two-channel, linear-taper digital
Mode)
potentiometer
with
256
wiper
positions.
Each
4 ppm/°C Ratiometric Temperature Coefficient
potentiometer can be used as a three-terminal
I2C-Compatible Serial Interface
potentiometer or as a two-terminal rheostat. The
2.7- to 5.5-V Single-Supply Operation
TPL0102-EP-100 has an end-to-end resistance of
100 k
Ω.
±2.25 to ±2.75 V Dual-Supply Operation
The
TPL0102-EP
has
non-volatile
memory
Operating Temperature Range From
(EEPROM) which can be used to store the wiper
–40°C to 125°C
position. The internal registers of the TPL0102-EP
ESD Performance Tested Per JESD 22
can be accessed using the I2C interface.
2000-V Human Body Model
The TPL0102-EP is available in a 14-pin TSSOP
(A114-B, Class II)
package with a specified temperature range of –40°C
Supports Defense, Aerospace, and Medical
to 125°C.
Applications
Controlled Baseline
Device Information(1)
ORDER NUMBER
PACKAGE
BODY SIZE (NOM)
One Assembly and Test Site
TPL0102-
One Fabrication Site
TSSOP (14)
5.00 mm × 4.40 mm
100QPWREP
Available in Extended (Q) Temperature –40°C
(1) For all available packages, see the orderable addendum at
to 125°C
the end of the data sheet.
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
4 Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TPL0102-EP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
More results

Podobny opis - TPL0102-EP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Winbond
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com