Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4541-D14-T Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części CD4541-D14-T
Szczegółowy opis  PROGRAMMABLE TIMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4541-D14-T Arkusz danych(HTML) 3 Page - Unisonic Technologies

  CD4541-D14-T Datasheet HTML 1Page - Unisonic Technologies CD4541-D14-T Datasheet HTML 2Page - Unisonic Technologies CD4541-D14-T Datasheet HTML 3Page - Unisonic Technologies CD4541-D14-T Datasheet HTML 4Page - Unisonic Technologies CD4541-D14-T Datasheet HTML 5Page - Unisonic Technologies CD4541-D14-T Datasheet HTML 6Page - Unisonic Technologies CD4541-D14-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CD4541
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-037.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ +18
V
Input Voltage
VIN
-0.5 ~ VDD+0.5
V
DIP-14
700
Power Dissipation
SOP-14/ TSSOP-14
PD
500
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3 ~ 15
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature
TOPR
-40 ~ +85
°C
DC ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD= 5V, VIN=VDD or VSS
0.005
20
VDD=10V, VIN=VDD or VSS
0.010
40
Quiescent Device Current
IDD
VDD=15V, VIN=VDD or VSS
0.015
80
μA
VDD=5V
0
0.05
VDD=10V, I IO I<1μA
0
0.05
Low Level Output Voltage
VOL
VDD=15V
0
0.05
V
VDD=5V
4.95
5
VDD=10V, I IO I<1μA
9.95
10
High Level Output Voltage
VOH
VDD=15V
14.95
15
V
VDD=5V, VO=0.5V or 4.5V
2
1.5
VDD=10V, VO=1.0V or 9.0V
4
3.0
Low Level Input Voltage
VIL
VDD=15V, VO=1.5V or 13.5V
6
4.0
V
VDD=5V, VO=0.5V or 4.5V
3.5
3
VDD=10V, VO=1.0V or 9.0V
7.0
6
High Level Input Voltage
VIH
VDD=15V, VO=1.5V or 13.5V
11.0
9
V
VDD=5V, VO=0.4V
1.96
3.6
VDD=10V, VO=0.5V
2.66
9.0
Low Level Output Current (Note)
IOL
VDD=15V, VO=1.5V
10.4
34.0
mA
VDD=5V, VO=2.5V
4.27
130
VDD=10V, VO=9.5V
2.25
8.0
High Level Output Current (Note)
IOH
VDD=15V, VO=13.5V
8.8
30.0
mA
VDD=15V, VIN=0V
-10
-5
-0.3
Input Current
IIN
VDD=15V, VIN=15V
10
-5
0.3
μA
Note: IOH and IOL are tested one output at a time.


Podobny numer części - CD4541-D14-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4541 TI-CD4541 Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Fairchild Semiconductor
CD4541 FAIRCHILD-CD4541 Datasheet
77Kb / 8P
   Programmable Timer
logo
National Semiconductor ...
CD4541 NSC-CD4541 Datasheet
137Kb / 6P
   Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
CD4541 UTC-CD4541 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
More results

Podobny opis - CD4541-D14-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com