Zakładka z wyszukiwarką danych komponentów |
|
ST711025 Arkusz danych(PDF) 1 Page - E-SWITCH |
|
ST711025 Arkusz danych(HTML) 1 Page - E-SWITCH |
|
1 / 1 page TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY 700SP7B10M6QEH 2:1 9/11/2006 ST711025 C BO 1 1 PANEL MOUNTING WITHOUT LOCKING RING WITH STANDARD LOCKING RING 1 2 3 3 POS. 1 POS. 2 SWITCH FUNCTION (ON) ON 1-3 1-2 (ON)=MOMENTARY A 16425 RELEASED FOR PRODUCTION 9/11/06 BO NOTE: 1. ALL DIMENSIONS IN MM [INCH] 2. GENERAL TOLERANCE: X.X=±0.4 X.XX=±0.25 3. TERMINAL NUMBERS FOR REF ONLY 4. CONTACT MATERIAL: SILVER 5. RATING: 3A @ 120VAC OR 28VDC 1A @ 250VAC 6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES AT FULL LOAD 7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN. 8. ACUATION FORCE: 300 ± 100gf 9. TRAVEL: 1.0 ± 0.2mm 10. CONTACT RESISTANCE: 20 mOHM MAX. TYPICAL @ 2-4 VDC 11. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL. 12. OPERATING TEMP.: -30°C to 85°C 13. DENOTES CRITICAL PARAMETER. 14. 2002/95/EC (ROHS) COMPLIANT. 15. HARDWARE TO BE SHIPPED BULK T100000 - HEXNUT - QTY 2 T100011 - LOCKWASHER - QTY 1 T100015 - LOCKRING - QTY ANT. 1 3 2 CIRCUIT: SPDT 12.70 [.500 in] E-SWITCH LOGO ON OPPOSITE SIDE EPOXY SEAL n3.10 [.122 in] 1/4-40 UNS - 2A 5.12 [.202 in] P.C. MOUNTING 4.70 [.185 in] n1.85 [.073 in] 5.08 [.200 in] 1.22 [.048 in] 6.86 [.270 in] 13.20 [.520 in] 1.27 [.050 in] KEYWAY 13.20 [.520 in] 5.08 [.200 in] 1 2 3 .76 [.030 in] B 16559 FIXED TERMINATION 4MM TO 3.18 10/20/2006 TN 4.70 [.185 in] 7.57 [.298 in] 3.18 [.125 in] n6.35 [.250 in] n2.38 [.094 in] n6.35 [.250 in] 6.10 [.240 in] .85 [.033 in] .55 [.022 in] C 20032 DRAWING CLEAN-UP / UPDATE 6/27/11 BGL |
Podobny numer części - ST711025 |
|
Podobny opis - ST711025 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |