Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST711052 Arkusz danych(PDF) 1 Page - E-SWITCH

Numer części ST711052
Szczegółowy opis  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-SWITCH [E-SWITCH]
Strona internetowa  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST711052 Arkusz danych(HTML) 1 Page - E-SWITCH

  ST711052 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700SP7B10VS5REH
2:1
8/23/2006
ST711052
B
BO
1
1
PANEL MOUNTING
WITH STANDARD
LOCKING RING
WITHOUT LOCKING
RING
1
2
3
3
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON)=MOMENTARY
A
16362
RELEASED FOR PRODUCTION
8/23/06
BO
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: GOLD
5. RATING: 0.4VA @ 20 VAC OR VDC MAX.
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. ACUATION FORCE: 300 ± 100gf
9. TRAVEL: 1.0 ± 0.2mm
10. CONTACT RESISTANCE: 20 mOHM MAX.
TYPICAL @ 2-4 VDC
11. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL.
12. OPERATING TEMP.: -30°C to 85°C
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT.
15. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
5.12
[.202 in]
6.35
[.250 in]
KEYWAY
4.70
[.185 in]
4.70
[.185 in]
.76
[.030 in]
1.27
[.050 in]
1
3
2
CIRCUIT: SPDT
EPOXY SEAL
n3.10
[.122 in]
1.27
[.050 in]
.51
[.020 in]
19.05
[.750 in]
6.35
[.250 in]
P.C. MOUNTING
6.35
[.250 in]
n1.85
[.073 in]
19.05
[.750 in]
E-SWITCH LOGO
ON OTHER SIDE
1/4-40 UNS - 2A
1.02
[.040 in]
4.70
[.185 in]
16.00
[.630 in]
19.56
[.770 in]
9.14
[.360 in]
1.02
[.040 in]
.72
[.028 in]
n6.35
[.250 in]
n2.38
[.094 in]
n6.35
[.250 in]
6.10
[.240 in]
.85
[.033 in]
.55
[.022 in]
B
20032
DRAWING CLEAN-UP / UPDATE
6/27/11
BGL


Podobny numer części - ST711052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
ST711050 E-SWITCH-ST711050 Datasheet
179Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST711053 E-SWITCH-ST711053 Datasheet
172Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
   RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711056 E-SWITCH-ST711056 Datasheet
115Kb / 1P
   RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
ST711057 E-SWITCH-ST711057 Datasheet
115Kb / 1P
   RATING: 0.4VA MAX. @20V MAX. AC OR DC
More results

Podobny opis - ST711052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com