Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM5K2E04 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części AM5K2E04
Szczegółowy opis  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

AM5K2E04 Arkusz danych(HTML) 1 Page - Texas Instruments

  AM5K2E04_15 Datasheet HTML 1Page - Texas Instruments AM5K2E04_15 Datasheet HTML 2Page - Texas Instruments AM5K2E04_15 Datasheet HTML 3Page - Texas Instruments AM5K2E04_15 Datasheet HTML 4Page - Texas Instruments AM5K2E04_15 Datasheet HTML 5Page - Texas Instruments AM5K2E04_15 Datasheet HTML 6Page - Texas Instruments AM5K2E04_15 Datasheet HTML 7Page - Texas Instruments AM5K2E04_15 Datasheet HTML 8Page - Texas Instruments AM5K2E04_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 252 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AM5K2E04, AM5K2E02
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
1
AM5K2E0x Features and Description
1.1
Features
1
Audio/Video Bridging (802.1Qav/D6.0)
• ARM® Cortex®-A15 MPCore™ CorePac
QOS Capability
– Up to Four ARM Cortex-A15 Processor Cores at
up to 1.4-GHz
DSCP Priority Mapping
– 4MB L2 Cache Memory Shared by all Cortex-
• Peripherals
A15 Processor Cores
– Two PCIe Gen2 Controllers with Support for
– Full Implementation of ARMv7-A Architecture
Two Lanes per Controller
Instruction Set
Supports Up to 5 GBaud
– 32KB L1 Instruction and Data Caches per Core
– One HyperLink
– AMBA 4.0 AXI Coherency Extension (ACE)
Supports Connections to Other KeyStone
Master Port, Connected to MSMC (Multicore
Architecture Devices Providing Resource
Shared Memory Controller) for Low Latency
Scalability
Access to SRAM and DDR3
Supports Up to 50 GBaud
• Multicore Shared Memory Controller (MSMC)
– 10-Gigabit Ethernet (10-GbE) Switch Subsystem
– 2 MB SRAM Memory for ARM CorePac
Two SGMII/XFI Ports with Wire Rate
– Memory Protection Unit for Both SRAM and
Switching and MACSEC Support
DDR3_EMIF
IEEE1588 v2 (with Annex D/E/F) Support
• Multicore Navigator
– One 72-Bit DDR3/DDR3L Interface with Speeds
– 8k Multi-Purpose Hardware Queues with Queue
Up to 1600 MTPS in DDR3 Mode
Manager
– EMIF16 Interface
– One Packet-Based DMA Engine for Zero-
– Two USB 2.0/3.0 Controllers
Overhead Transfers
– USIM Interface
• Network Coprocessor
– Two UART Interfaces
– Packet Accelerator Enables Support for
– Three I2C Interfaces
Transport Plane IPsec, GTP-U, SCTP,
– 32 GPIO Pins
PDCP
– Three SPI Interfaces
L2 User Plane PDCP (RoHC, Air Ciphering)
– One TSIP
1 Gbps Wire Speed Throughput at 1.5
Support 1024 DS0s
MPackets Per Second
Support 2 Lanes at 32.768/16.3848.192
– Security Accelerator Engine Enables Support for
Mbps Per Lane
IPSec, SRTP, 3GPP and WiMAX Air
• System Resources
Interface, and SSL/TLS Security
– Three On-Chip PLLs
ECB, CBC, CTR, F8, A5/3, CCM, GCM,
– SmartReflex Automatic Voltage Scaling
HMAC, CMAC, GMAC, AES, DES, 3DES,
Kasumi, SNOW 3G, SHA-1, SHA-2 (256-bit
– Semaphore Module
Hash), MD5
– Twelve 64-Bit Timers
Up to 6.4 Gbps IPSec and 3 Gbps Air
– Five Enhanced Direct Memory Access (EDMA)
Ciphering
Modules
– Ethernet Subsystem
• Commercial Case Temperature:
Eight SGMII Ports with Wire Rate Switching
– 0ºC to 85ºC
IEEE1588 v2 (with Annex D/E/F) Support
• Extended Case Temperature:
8 Gbps Total Ingress/Egress Ethernet BW
– -40ºC to 100ºC
from Core
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - AM5K2E04_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM5K2E04 TI1-AM5K2E04_16 Datasheet
1Mb / 252P
[Old version datasheet]   AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
More results

Podobny opis - AM5K2E04_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM5K2E04 TI1-AM5K2E04_16 Datasheet
1Mb / 252P
[Old version datasheet]   AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com