Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM385 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części DM385
Szczegółowy opis  DM385 and DM388 DaVinci??Digital Media Processor
Download  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DM385 Arkusz danych(HTML) 5 Page - Texas Instruments

  DM385_15 Datasheet HTML 1Page - Texas Instruments DM385_15 Datasheet HTML 2Page - Texas Instruments DM385_15 Datasheet HTML 3Page - Texas Instruments DM385_15 Datasheet HTML 4Page - Texas Instruments DM385_15 Datasheet HTML 5Page - Texas Instruments DM385_15 Datasheet HTML 6Page - Texas Instruments DM385_15 Datasheet HTML 7Page - Texas Instruments DM385_15 Datasheet HTML 8Page - Texas Instruments DM385_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 281 page
background image
System Interconnect
Serial Interfaces
Program/Data Storage
Connectivity
ARM Subsystem
32 KB
D-Cache
256 KB L2 Cache
with ECC
NEON
FPU
Cortex -A8
CPU
TM
ICE Crusher
RAM
64 KB
Boot ROM
48 KB
32 KB
I-Cache
Imaging
Subsystem
Resizer
Parallel Cam Input
Video Processing
Subsystem
Video Capture
Display Processing
HD OSD
SD OSD
HD VENC
SD VENC
HDMI Xmt
SD DAC
HD DAC (3)
MDIO
PCIe 2.0
(One x1
Port)
(2)
EMAC
(R)(G)MII
(2)
USB 2.0
Ctrl/PHY
(2)
GPMC
+
ELM
MMC/SD/
SDIO
(3)
DDR2/3
32-bit
McASP
(2)
SPI (4)
UART (3)
I C (4)
2
System Control
Real-Time
Clock
PRCM
GP Timer (8)
JTAG
Watchdog
Timer
Mailbox
Spinlock
CSI2 Serial Input
IPIPE
H3A
Peripherals
Miscellaneous
GPIO (4)
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
(1)
Noise Filtering Engine is available only on DM388.
(2)
PCIe is supported on all DM385 devices and also on DM388 devices with PCIe enabled.
Figure 1-1. Functional Block Diagram
Copyright © 2013, Texas Instruments Incorporated
High-Performance System-on-Chip (SoC)
5
Submit Documentation Feedback
Product Folder Links: DM385 DM388


Podobny numer części - DM385_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
More results

Podobny opis - DM385_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DM385 TI1-DM385 Datasheet
2Mb / 280P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com