Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1431-DIE Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TL1431-DIE
Szczegółowy opis  RAD-TOLERANT SPACE GRADE DIE, PRECISION PROGRAMMABLE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL1431-DIE Arkusz danych(HTML) 1 Page - Texas Instruments

  TL1431-DIE Datasheet HTML 1Page - Texas Instruments TL1431-DIE Datasheet HTML 2Page - Texas Instruments TL1431-DIE Datasheet HTML 3Page - Texas Instruments TL1431-DIE Datasheet HTML 4Page - Texas Instruments TL1431-DIE Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TL1431-DIE
www.ti.com
SLVSC17 – JUNE 2013
RAD-TOLERANT SPACE GRADE DIE, PRECISION PROGRAMMABLE REFERENCE
Check for Samples: TL1431-DIE
1
FEATURES
QMLV Qualified to 100k Rad RHA,
Fast Turnon…500 ns
SMD 5962R99620
Sink Current Capability
Initial Voltage Tolerance
Low Reference Current (REF)
0.2-
Ω Typical Output Impedance
Adjustable Output Voltage
DESCRIPTION
The TL1431-DIE is a precision programmable reference. This device has a typical output impedance of 0.2
Ω.
Active output circuitry provides a very sharp turnon characteristic, making the device an excellent replacement
for Zener diodes and other types of references in applications such as onboard regulation, adjustable power
supplies, and switching power supplies.
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
ORDERABLE PART NUMBER
PACKAGE QUANTITY
DESIGNATOR
TL1431VTDB1
100
TL1431V
TD
Bare die in waffle pack(2)
TL1431VTDB2
10
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Processing is per the Texas Instruments space production baseline and is in compliance with the Texas Instruments Quality Control
System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room temperature
only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not warranted. Visual
Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TL1431-DIE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1431-EP TI1-TL1431-EP Datasheet
595Kb / 20P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-EP TI1-TL1431-EP Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-EP TI-TL1431-EP Datasheet
282Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-EP TI-TL1431-EP_15 Datasheet
968Kb / 23P
[Old version datasheet]   TL1431-EP Precision-Programmable Reference
TL1431-EP TI1-TL1431-EP_15 Datasheet
1,021Kb / 23P
[Old version datasheet]   Precision-Programmable Reference
More results

Podobny opis - TL1431-DIE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54AC02-DIE TI1-SN54AC02-DIE Datasheet
85Kb / 5P
[Old version datasheet]   RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC273-DIE TI1-SN54HC273-DIE Datasheet
106Kb / 5P
[Old version datasheet]   RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08-DIE TI1-SN54HC08-DIE Datasheet
75Kb / 5P
[Old version datasheet]   RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES
TL431-DIE TI-TL431-DIE_15 Datasheet
76Kb / 6P
[Old version datasheet]   TL431-DIE Precision Programmable Reference
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com