Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28134IBZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL28134IBZ
Szczegółowy opis  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134IBZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL28134IBZ Datasheet HTML 1Page - Intersil Corporation ISL28134IBZ Datasheet HTML 2Page - Intersil Corporation ISL28134IBZ Datasheet HTML 3Page - Intersil Corporation ISL28134IBZ Datasheet HTML 4Page - Intersil Corporation ISL28134IBZ Datasheet HTML 5Page - Intersil Corporation ISL28134IBZ Datasheet HTML 6Page - Intersil Corporation ISL28134IBZ Datasheet HTML 7Page - Intersil Corporation ISL28134IBZ Datasheet HTML 8Page - Intersil Corporation ISL28134IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ISL28134
4
FN6957.6
October 14, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
Voltage VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . (V- - 0.3V) to (V+ + 0.3V) V
Input Differential Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Voltage VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .(V+) or (V-)
dv/dt Supply Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V/µs
ESD Rating
Human Body Model (Tested per JED22-A114F) . . . . . . . . . . . . . . . . . 4kV
Machine Model (Tested per JED22-A115B). . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model (Tested per JED22-C110D) . . . . . . . . . . . . . . 2kV
Latch-up (Passed Per JESD78B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
5 Ld SOT-23 (Notes 6, 7) . . . . . . . . . . . . . . .
225
116
8 Ld SOIC (Notes 6, 7) . . . . . . . . . . . . . . . . .
125
77.2
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Operating Conditions
Ambient Operating Temperature Range
Industrial Grade Package . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Full Industrial Grade Package. . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Operating Voltage Range. . . . . . . . . . . . . . . . . 2.25V (±1.125V) to 6V (±3V)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications VS = 5V, VCM = 2.5V, TA = +25°C, unless otherwise specified. Boldface limits apply across the specified
operating temperature range.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNITS
DC SPECIFICATIONS
VOS
Input Offset Voltage
-2.5
-0.2
2.5
µV
TA = -40°C to +85°C
-3.4
-
3.4
µV
TA = -40°C to +125°C
-4
-
-4
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
TA = -40°C to +125°C
-15
-0.5
15
nV/°C
IB
Input Bias Current
-300
±120
300
pA
TA = -40°C to +85°C
-300
-
300
pA
TA = -40°C to +125°C
-550
-
550
pA
TCIB
Input Bias Current Temperature
Coefficient
TA = -40°C to +85°C
-
±1.4
-
pA/°C
TA = -40°C to +125°C
-
±2
-
pA/°C
IOS
Input Offset Current
-600
±240
600
pA
TA = -40°C to +85°C
-600
-
600
pA
TA = -40°C to +125°C
-750
-
750
pA
TCIOS
Input Offset Current Temperature Coefficient TA = -40°C to +85°C
-
±2.8
-
pA/°C
TA = -40°C to +125°C
-
±4
-
pA/°C
Common Mode Input
Voltage Range
V+ = 5.0V, V- = 0V
Guaranteed by CMRR
-0.1
-
5.1
V
CMRR
Common Mode Rejection Ratio
VCM = -0.1V to 5.1V
120
135
-
dB
VCM = -0.1V to 5.1V
115
--
dB
PSRR
Power Supply Rejection Ratio
VS = 2.25V to 6.0V
120
135
-
dB
VS = 2.25V to 6.0V
120
--
dB
VS
Supply Voltage (V+ to V-)
Guaranteed by PSRR
2.25
-
6.0
V


Podobny numer części - ISL28134IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134IBZ RENESAS-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

Podobny opis - ISL28134IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com