Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28108FUZ Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL28108FUZ
Szczegółowy opis  40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28108FUZ Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL28108FUZ Datasheet HTML 5Page - Intersil Corporation ISL28108FUZ Datasheet HTML 6Page - Intersil Corporation ISL28108FUZ Datasheet HTML 7Page - Intersil Corporation ISL28108FUZ Datasheet HTML 8Page - Intersil Corporation ISL28108FUZ Datasheet HTML 9Page - Intersil Corporation ISL28108FUZ Datasheet HTML 10Page - Intersil Corporation ISL28108FUZ Datasheet HTML 11Page - Intersil Corporation ISL28108FUZ Datasheet HTML 12Page - Intersil Corporation ISL28108FUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISL28108, ISL28208, ISL28408
9
FN6935.5
March 4, 2014
Submit Document Feedback
IS
Supply Current/Amplifier
RL = Open
165
250
µA
240
350
µA
ISC+
Output Short Circuit Source Current RL = 10Ω to V-
14
mA
ISC-
Output Short Circuit Sink Current
RL = 10Ω to V+
22
mA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
ACL = 101, VO = 100mVP-P, RL = 2kΩ
1.2
MHz
enp-p
Noise Voltage
0.1Hz to 10Hz
600
nVP-P
en
Noise Voltage Density
f = 10Hz
18
nV/
√Hz
en
Noise Voltage Density
f = 100Hz
16
nV/
√Hz
en
Noise Voltage Density
f = 1kHz
15.8
nV/
√Hz
en
Noise Voltage Density
f = 10kHz
15.8
nV/
√Hz
in
Noise Current Density
f = 10kHz
90
fA/
√Hz
TRANSIENT RESPONSE
SR
Slew Rate, VOUT 20% to 80%
AV = 1, RL = 2kΩ, VO = 4VP-P
0.4
V/µs
tr, tf, Small
Signal
Rise Time, VOUT 10% to 90%
AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL =2kΩ to
VCM
264
ns
Fall Time, VOUT 90% to 10%
AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL = 2kΩ to
VCM
254
ns
ts
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rg = Rf =10k, RL =2kΩ to
VCM
14.4
µs
NOTE:
8. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications, VS ±5V VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface entries apply over the
operating temperature range,
-40°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


Podobny numer części - ISL28108FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28108FUZ INTERSIL-ISL28108FUZ Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108FUZ INTERSIL-ISL28108FUZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108FUZ RENESAS-ISL28108FUZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Podobny opis - ISL28108FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com