Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28533FVZ Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL28533FVZ
Szczegółowy opis  5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28533FVZ Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL28533FVZ Datasheet HTML 1Page - Intersil Corporation ISL28533FVZ Datasheet HTML 2Page - Intersil Corporation ISL28533FVZ Datasheet HTML 3Page - Intersil Corporation ISL28533FVZ Datasheet HTML 4Page - Intersil Corporation ISL28533FVZ Datasheet HTML 5Page - Intersil Corporation ISL28533FVZ Datasheet HTML 6Page - Intersil Corporation ISL28533FVZ Datasheet HTML 7Page - Intersil Corporation ISL28533FVZ Datasheet HTML 8Page - Intersil Corporation ISL28533FVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
3
FN8364.1
November 22, 2013
Pin Configurations
ISL28533, ISL28534, ISL28535 SINGLE ENDED OUTPUT
(14 LD TSSOP)
TOP VIEW
ISL28633, ISL28634, ISL28635 DIFFERENTIAL OUTPUT
(14 LD TSSOP)
TOP VIEW
Pin Descriptions
ISL28533
ISL28534
ISL28535
(SINGLE- ENDED OUT)
ISL28633
ISL28634
ISL28635
(DIFFERENTIAL OUT)
PIN
NAME
EQUIVALENT
CIRCUIT
FUNCTION
COMMENTS
4
4
INA+
Circuit 1
INA+ Input
Positive Differential Input
5
5
INA-
Circuit 1
INA- Input
Negative Differential Input
12
-
OUTA
Circuit 2
INA Output
Single Ended Output
-
12
OUTA+
Circuit 2
INA +Output
Positive Differential Output
-
10
OUTA-
Circuit 2
INA -Output
Negative Differential Output
6
6
VA+
Circuit 1
A2 Output
INA Gain Stage +Output
3
3
VA-
Circuit 1
A1 Output
INA Gain Stage -Output
11
11
REF
Circuit 1
Output Reference
INA Output Reference
1
1
G0
Circuit 1
Gain Control Logic Input
2
2
G1
Circuit 1
Gain Control Logic Input
8
-
IN+
Circuit 1
Non-Inverting Op Amp Input
Auxiliary Amplifier IN+
9
-
IN-
Circuit 1
Inverting Op Amp Input
Auxiliary Amplifier IN-
10
-
OUT
Circuit 2
Op Amp Output
Auxiliary Amplifier OUT
14
14
V+
Circuit 3
Positive supply
Single Supply: +2.5V to +5.5V
Dual Supply: ±1.25V to ±2.75V
7
7
V-
Circuit 3
Negative supply
-
8, 9
N.C.
No Connect
13
13
DNC
Do Not Connect
Pin must float
1
2
3
4
G0
G1
VA-
INA+
5
6
7
INA-
VA+
V-
10
9
8
11
12
13
14 V+
DNC
OUTA
REF
OUT
IN-
IN+
-
+
1
2
3
4
G0
G1
VA-
INA+
5
6
7
INA-
VA+
V-
10
9
8
11
12
13
14 V+
DNC
OUTA+
REF
OUTA-
N.C.
N.C.
V+
V-
OUT
CIRCUIT 2
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 3
V+
V-
INA+,
INA-,
IN+,
IN-
CIRCUIT 1


Podobny numer części - ISL28533FVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28533FVZ INTERSIL-ISL28533FVZ Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28533FVZ RENESAS-ISL28533FVZ Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results

Podobny opis - ISL28533FVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28533 INTERSIL-ISL28533 Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com