Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28915FH6Z-T7 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL28915FH6Z-T7
Szczegółowy opis  Nano Power, Push/Pull Output Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28915FH6Z-T7 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL28915FH6Z-T7 Datasheet HTML 2Page - Intersil Corporation ISL28915FH6Z-T7 Datasheet HTML 3Page - Intersil Corporation ISL28915FH6Z-T7 Datasheet HTML 4Page - Intersil Corporation ISL28915FH6Z-T7 Datasheet HTML 5Page - Intersil Corporation ISL28915FH6Z-T7 Datasheet HTML 6Page - Intersil Corporation ISL28915FH6Z-T7 Datasheet HTML 7Page - Intersil Corporation ISL28915FH6Z-T7 Datasheet HTML 8Page - Intersil Corporation ISL28915FH6Z-T7 Datasheet HTML 9Page - Intersil Corporation ISL28915FH6Z-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ISL28915
8
July 12, 2012
FN8343.0
Applications Information
Introduction
The ISL28915 is a CMOS rail-to-rail input and output (RRIO)
nanopower comparator. This device is designed to operate from
single supply (1.8V to 5.5V) and have an input common mode
range that extends to the positive rail and to the negative supply
rail for true rail-to-rail performance. The CMOS output can swing
within tens of millivolts to the rails. Featuring worst case
maximum supply current of only 900nA, this comparator is
ideally suited for solar and battery powered applications.
Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. The ISL28915 has a
maximum input differential voltage that extends beyond the rails
(V+ + 0.5V to GND - 0.5V).
Rail-to-Rail Output
A pair of complementary MOSFET devices are used to achieve
the rail-to-rail output swing. The NMOS sinks current to swing the
output in the negative direction. The PMOS sources current to
swing the output in the positive direction. The ISL28915 with a
10kΩ load will typically swing to within 10mV of the positive
supply rail and within 35mV of ground.
Break-Before-Make Operation of the Output
The output circuit has a break-before-make response. This
means that the P-Channel turns off before the N-Channel turns
on during a high to low transition of the output (reference
Figure 24). Likewise, the N-Channel turns off before the
P-Channel turns on during a low to high transition. This results in
different propagation delay times depending upon where the
output load resistor is tied to. If the load resistor is tied to ground
(Figure 25A), then the propagation delay is controlled by the
P-Channel. For a high to low transition, the propagation delay
does not include the additional break-before-make time because
the load resistor will pull the output low once the P-Channel has
turned off.
During the low to high transition, however, if the load resistor is
tied to ground, then the additional break-before-make time is
added to the propagation delay time because the output won’t
pull high until the P-Channel turns on.
If the load resistor is tied to V+ (Figure 25B), then the
propagation delay is controlled by the N-Channel. For this
condition, the additional delay time is added to the high to low
transition because the output won’t pull low until the N-Channel
turns on. Figures 4 through 7 show the differences in
propagation delay depending upon where the load is tied.
Propagation Delay
The input to output propagation delay has a dependency on
power supply voltage, overdrive and whether the output is
sourcing or sinking current. Figures 4 and 5 show a decreasing
time propagation delay vs supply voltage for the ISL28915. The
output break-before-make mechanism results in a difference in
propagation delay, depending on whether the output stage
NMOS and PMOS are sourcing or sinking current. This delay
difference is shown in the figures as a function of where the load
is terminated (V+ or GND) and also as a function of supply
voltage. The dependence of propagation delay as a function of
power supply voltage and input overdrive (from 5mV to 1V) is
shown in Figures 6 and 7. Propagation delay is measured from
the time the input signal reached 50% of its final value to the
time the output reaches 50% of its final value. Rise and fall times
are measured from the time the signal is at 20% of its final value
to the time it reaches 80% of the final value.
Enable Feature
The ISL28915 in the 6 Ld SOT-23 package offers an EN pin that
enables the device when pulled high. The enable threshold is
referenced to the GND terminal and has a level proportional to the
total supply voltage (reference Figure 9 for EN Threshold vs Supply
Voltage). The enable circuit has a delay time that changes as a
function of supply voltage. Figures 10 and 11 show the effect of
supply voltage on the enable and disable times. The enable and
disable delay is measured from the time the signal crosses the
enable threshold to the time the output reaches 20% of its final
value. For supply voltages less than 3V, it is recommended that the
user account for the increased enable/disable delay time.
VOUT
V+
P-CHANNEL
N-CHANNEL
FIGURE 24. MAKE-BEFORE-BREAK ACTION OF THE OUTPUT STAGE
ISL28915
OUTPUT STAGE
BREAK-BEFORE-MAKE
FIGURE 25A. RL TO GND
FIGURE 25B. RL TO V+
FIGURE 25. CONNECTION OF RL TO GND AND V+
+
-
VOUT
V+
RL
+
-
VOUT
V+
RL


Podobny numer części - ISL28915FH6Z-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
328Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Renesas Technology Corp
ISL28915FH6Z-T7 RENESAS-ISL28915FH6Z-T7 Datasheet
582Kb / 10P
   Nano Power, Push/Pull Output Comparator
More results

Podobny opis - ISL28915FH6Z-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com