Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28208SOICEVAL2Z Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL28208SOICEVAL2Z
Szczegółowy opis  40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208SOICEVAL2Z Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL28208SOICEVAL2Z Datasheet HTML 1Page - Intersil Corporation ISL28208SOICEVAL2Z Datasheet HTML 2Page - Intersil Corporation ISL28208SOICEVAL2Z Datasheet HTML 3Page - Intersil Corporation ISL28208SOICEVAL2Z Datasheet HTML 4Page - Intersil Corporation ISL28208SOICEVAL2Z Datasheet HTML 5Page - Intersil Corporation ISL28208SOICEVAL2Z Datasheet HTML 6Page - Intersil Corporation ISL28208SOICEVAL2Z Datasheet HTML 7Page - Intersil Corporation ISL28208SOICEVAL2Z Datasheet HTML 8Page - Intersil Corporation ISL28208SOICEVAL2Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
40V Precision Single Supply Rail-to-Rail Output Low
Power Operational Amplifiers
ISL28108, ISL28208, ISL28408
The ISL28108, ISL28208 and ISL28408 are single, dual and
quad low power precision amplifiers optimized for single
supply applications. These devices feature a common mode
input voltage range extending to 0.5V below the V- rail, a
rail-to-rail differential input voltage range for use as a
comparator, and rail-to-rail output voltage swing, which make
them ideal for single supply applications where input
operation at ground is important.
Added features include low offset voltage, and low
temperature drift making them the ideal choice for
applications requiring high DC accuracy. The output stage is
capable of driving large capacitive loads from rail-to-rail for
excellent ADC driving performance. The devices can operate
for single or dual supply from 3V (±1.5V) to 40V (±20V) and are
fully characterized at ±5V and ±15V. The combination of
precision, low power, and small footprint provide the user with
outstanding value and flexibility relative to similar competitive
parts.
Applications for these amplifiers include precision
instrumentation, data acquisition, precision power supply
control, and industrial control.
The ISL28108 single is offered in 8 Ld TDFN, MSOP and SOIC
packages. The ISL28208 dual amplifier is offered in 8 Ld
TDFN, MSOP, and SOIC packages. The ISL28408 is offered in
14 Ld SOIC package. All devices are offered in standard pin
configurations and operate over the extended temperature
range of -40°C to +125°C.
Features
• Single or dual supply, rail-to-rail output and below ground (V-)
input capability
• Rail-to-rail input differential voltage range for comparator
applications
• Single supply range . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 40V
• Low current consumption (VS = ±5V). . . . . . . . . . . . . . . 165µA
• Low noise voltage. . . . . . . . . . . . . . . . . . . . . . . . . . 15.8nV/
√Hz
• Low noise current. . . . . . . . . . . . . . . . . . . . . . . . . . . . 80fA/
√Hz
• Low input offset voltage (ISL28108) . . . . . . . . . . . . . . 150µV
• Superb temperature drift
- Voltage offset TC . . . . . . . . . . . . . . . . . . . . . . 0.1µV/°C, Typ
• Low input bias current. . . . . . . . . . . . . . . . . . . . . . . . -13nA Typ
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• No phase reversal
Applications
• Precision instruments
• Medical instrumentation
• Data acquisition
•Power supply control
• Industrial process control
Related Literature
• AN1658, “ISL28208SOICEVAL2Z Evaluation Board User
Guide”
FIGURE 1. TYPICAL APPLICATION CIRCUIT
FIGURE 2. INPUT OFFSET VOLTAGE vs INPUT COMMON MODE
VOLTAGE, VS = ±15V
IN-
IN+
RF
RREF+
ISL28108
+3V
V-
V+
RIN-
10kΩ
RIN+
10kΩ
-
+
100kΩ
VREF
100kΩ
VOUT
LOAD
RSENSE
SINGLE-SUPPLY, LOW-SIDE
GAIN = 10
to 40V
CURRENT SENSE AMPLIFIER
INPUT COMMON MODE VOLTAGE (V)
-500
-400
-300
-200
-100
0
100
200
300
400
500
13
13.5
14
14.5
15
-16
-15.5
-15
-14.5 -14
+25°C
+125°C
VS = ±15V
-40°C
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LCC 2011, 2013, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
March 4, 2014
FN6935.5


Podobny numer części - ISL28208SOICEVAL2Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28208SOICEVAL2Z INTERSIL-ISL28208SOICEVAL2Z Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28208SOICEVAL2Z RENESAS-ISL28208SOICEVAL2Z Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Podobny opis - ISL28208SOICEVAL2Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com