Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1591IRTZ-EVALZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL1591IRTZ-EVALZ
Szczegółowy opis  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ-EVALZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL1591IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL1591
4
FN7625.1
October 31, 2012
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted,
all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS+ Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +26.4V
Driver VIN+ Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND to VS+
C0, C1 Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
VCM Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND to VS+
Current into any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Continuous Output Current for Long Term Reliability. . . . . . . . . . . . . . . . .50mA
ESD Rating
Human Body Model (Tested per JESD22-A114F). . . . . . . . . . . . . . . . . . 3kV
Machine Model (Tested per JESD22-A115C) . . . . . . . . . . . . . . . . . . 300V
Charge Device Model (Tested per JESD22-C101E). . . . . . . . . . . . . .1.5kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
24 Ld TQFN Package (Notes 4, 5) . . . . . . .
43
5.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 47
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VS = +24V, RL= 82.6Ω differential, C0 = C1 = 0V, TA = +25°C. Amplifier pairs tested separately,
unless otherwise indicated.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
AC PERFORMANCE
Av
Internal Gain Across RLOAD
RB = 8.25Ω
11.1
11.6
12.1
V/V
BW
-3dB Small Signal Bandwidth
VO < 2VP-P-DIFF
170
MHz
-3dB Large Signal Bandwidth
VO = 10VP-P-DIFF
60
MHz
SR
20% to 80%
VO = 32VP-P-DIFF
1800
2000
V/µs
200kHz Harmonic
Distortion
2nd Harmonic
VOUT = 2VP-P-DIFF
-90
-80
dBc
VOUT = 10VP-P-DIFF
-87
-78
dBc
3rd Harmonic
VOUT = 2VP-P-DIFF
-90
-78
dBc
VOUT = 10VP-P-DIFF
-87
-80
dBc
THD
VOUT = 2VP-P-DIFF
-87
-76
dBc
VOUT = 10VP-P-DIFF
-84
-76
dBc
4MHz Harmonic
Distortion
2nd Harmonic
VOUT = 10VP-P-DIFF
-83
dBc
3rd Harmonic
VOUT = 10VP-P-DIFF
-75
dBc
THD
VOUT = 10VP-P-DIFF
-74
dBc
8MHz Harmonic
Distortion
2nd Harmonic
VOUT = 2VP-P-DIFF
-73
dBc
3rd Harmonic
VOUT = 2VP-P-DIFF
-65
dBc
THD
VOUT = 2VP-P-DIFF
-65
dBc
MBPR
Missing-Band Power Ratio: US1
Band
26kHz to 8MHz, 4kHz Tone Spacing,
PLINE = 19dBm, VDSL2+ 8b
-65
-62
dBc
eO
Output Voltage Noise
f = 1MHZ
90
nV/
√Hz
eN-CM
Common Mode Output Noise at
each Port Pair
f = 1MHZ
90
nV/
√Hz
POWER CONTROL FEATURES
VIH
Logic High Voltage
C0 and C1 inputs
2.0
V


Podobny numer części - ISL1591IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1591IRTZ-EVALZ INTERSIL-ISL1591IRTZ-EVALZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
More results

Podobny opis - ISL1591IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com