Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL24201IRTZ-EVALZ Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL24201IRTZ-EVALZ
Szczegółowy opis  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24201IRTZ-EVALZ Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL24201IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ISL24201
7
FN7586.1
December 9, 2010
The maximum voltage on the SET pin is AVDD/20 and is added to
the minimum voltage difference between the VOUT and SET pins to
calculate the minimum VOUT voltage, as shown in Equation 5.
Output Voltage
The output voltage, VOUT, of the OUT pin can be calculated from
Equation 6:
While Equation 6 can be used to calculate the output voltage, it
does not help select the values of R1, R2 and RSET to obtain a
specific range of VCOM voltages.
Output Voltage Span Calculation
The span of the output voltage is typically centered around the
nominal VCOM voltage value, which is typically near half of the
AVDD voltage. The high VCOM voltage occurs with the register
value of zero, while the low VCOM voltage occurs with the register
value of 255. Figure 7 shows the definition of several terms used
later in the text.
There are three variables that control the VCOM calibrator’s
operating point; the span of the VCOM voltage, the maximum
current sink and the source impedance of the resistive divider.
Figure 8 shows a range of operating points for these three variables
and a quick way to estimate a specific operating point. The X-axis is
the span of the VCOM voltage (High VCOM Voltage - Low VCOM
Voltage), and the Y-axis is the maximum sink current set by RSET.
The individual plots of each RTH show the VCOM span plotted against
the maximum OUT sink current given that value of source
impedance of the voltage divider. RTH is the Thevenin equivalent
resistance of the voltage divider R1 and R2, which is the resistance
of the parallel combination of R1 and R2, as shown in Equation 7.
The span of the VCOM voltage is shown by Equation 8.
To make a final selection of the resistor values for R1 and R2, The
supply voltage AVDD and the value of RSET are specified. The
calculations for R1 and R2 are shown in Equations 9 and 10:
The R1 and R2 calculations are based on the span of the VCOM
voltage being centered at half the AVDD voltage.
As an example, AVDD = 15V, the maximum value for ISET is
selected to be 100µA and the required span is 2V. Using Figure 8
as a guide, the VCOM maximum is equal to 8.5V and the VCOM
minimum is equal to 6.5V. Rearranging equation and calculation
the value of RSET:
Calculating the value of R1 is shown in Equation 12.
Calculating the value of R2 is shown in Equation 13.
VOUT MIN
()
AVDD
20
--------------
MinimumSaturationVoltage
+
(EQ. 5)
VOUT
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
RegisterValue 1
+
256
---------------------------------------------------
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 6)
GND
AVDD
NOM INAL VCOM VOLTAGE
HIGH VCOM VOLTAGE
LOW VCOM VOLTAGE
SPAN
FIGURE 7. VOLTAGE LEVELS FOR VCOM
RTH
R1R2
R1 R2
+
--------------------
=
(EQ. 7)
VCOMSPAN
ISET RTH
()
=
(EQ. 8)
FIGURE 8. GRAPH of VCOM SPAN vs MAXIMUM OUTCURRENT
AND RTH
0.6
0.5
0.4
0.3
0.2
0.1
0
01234
56
VCOM SPAN (V)
RTH
= 2
5kΩ
RTH =
50kΩ
RTH = 10
0kΩ
R1
40RSET SPAN
()
AVDD SPAN
+
------------------------------------------
=
(EQ. 9)
R2
40RSET SPAN
()
AVDD SPAN
------------------------------------------
=
(EQ. 10)
RSET
AVDD
20IOUT MAX
()
-------------------------------------
15
20 0.000100
()
--------------------------------------
7500
Ω
==
=
(EQ. 11)
R1
40 7500
() 2
()
15 2
+
-----------------------------------
39.29k
Ω
==
(EQ. 12)
R2
40 7500
() 2
()
15 2
-----------------------------------
46.15k
Ω
==
(EQ. 13)


Podobny numer części - ISL24201IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24201IRTZ-EVALZ INTERSIL-ISL24201IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
logo
Renesas Technology Corp
ISL24201IRTZ-EVALZ RENESAS-ISL24201IRTZ-EVALZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

Podobny opis - ISL24201IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com