Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL24212IRTZ-EVALZ Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL24212IRTZ-EVALZ
Szczegółowy opis  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24212IRTZ-EVALZ Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL24212IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL24212
8
FN7590.0
March 15, 2011
By finding the difference of Equation 13 and Equation 12, the total
span of VCOM can be found:
Assuming that the IDVROUT(MIN) = 0 instead of ISTEP, the
expression in Equation 14 simplifies to:
DVR_OUT Pin Leakage Current
When the voltage on the DVR_OUT pin is greater than 10V, an
additional leakage current flows into the pin in addition to the
ISET current. Figure 6 shows the ISET current and the DVR_OUT
pin current for DVR_OUT pin voltage up to 19V. In applications
where the voltage on the DVR_OUT pin will be greater than 10V,
the actual output voltage will be lower than the voltage
calculated by Equation 8 due to this extra current. The graph in
Figure 6 was measured with RSET = 4.99kΩ.
Power Supply Sequence
The recommended power supply sequencing is shown in
Figure 7. When applying power, VDD should be applied before or
at the same time as AVDD. The minimum time for tVS is 0µs.
When removing power, the sequence of VDD and AVDD is not
important.
Do not remove VDD or AVDD within 100ms of the start of the
EEPROM programming cycle. Removing power before the
EEPROM programming cycle is completed, may result in
corrupted data in the EEPROM.
Operating and Programming
Supply Voltage and Current
To program the EEPROM, AVDD must be ≥10.8V. If further
programming is not required, the ISL24212 will operate over an
AVDD range of 4.5V to 19V.
During EEPROM programming, IDD and IAVDD will temporarily be
4-5x higher for up to 100ms (tPROG).
Up/Down Counter Interface
The ISL24212 allows the adjustment of the output VCOM voltage
and the programming of the non-volatile memory through a
single pin (CTL) when the CE (counter enable) pin is high. The CTL
pin is biased so that its voltage is set to VDD/2 if the driving
circuit is set to Tristate or High Impedance (Hi-Z), allowing
up/down operation using common digital I/O logic.
CTL Pin
When a mid-high-mid transition is detected on the CTL pin (see
Figure 11), the internal register value counts down by one at the
trailing (high-mid) edge, and the output VCOM voltage is
increased according to Equation 8. Similarly, when a mid-low-mid
transition is detected on the CTL pin, the internal register value
counts up by one at the trailing (low-mid) edge, and the output
VCOM voltage is decreased. Once the maximum or minimum
value is reached, the counter saturates and will not overflow or
underflow beyond those values.
CTL should have a noise filter to reduce bouncing or noise on the
input that could cause unwanted counts when the CE pin is high.
Figure 8 shows a simple debouncing circuit consisting of a series
1k
Ω resistor and a shunt 0.01µF capacitor connected on the CTL
pin. To avoid unintentional adjustment, the ISL24212 guarantees
to reject CTL pulses shorter than 20µs.
This pin is pulled above 4.9V to program the EEPROM. See
“Programming the EEPROM” on page 9 for details.
After CE (Counter Enable) is asserted and after programming
EEPROM, the very first CTL pulse is ignored (see Figure 11) to
avoid the possibility of a false count (CTL state may be unknown
after programming).
VCOMSPAN
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
1
256
----------
⎝⎠
⎛⎞
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 14)
VCOMSPAN
R1 R
2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞ AVDD
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
R1 R
2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
IDVROUT MAX
()
==
(EQ. 15)
FIGURE 6. DVR_OUT PIN LEAKAGE CURRENT
02468
10
12
14
16
18
20
OUT PIN VOLTAGE (V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
OUT PIN CURRENT
SET PIN CURRENT
REGISTER = 255
VDD
AVDD
tVS
FIGURE 7. POWER SUPPLY SEQUENCE
FIGURE 8. EXTERNAL DEBOUNCER ON CTL PIN
ISL24212
CTL
0.01µF
1k
Ω
AVDD
CLOSE TO
EEPROM
PROGRAM


Podobny numer części - ISL24212IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24212IRTZ-EVALZ INTERSIL-ISL24212IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ-EVALZ RENESAS-ISL24212IRTZ-EVALZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Podobny opis - ISL24212IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com