Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28236FUZ-T7 Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL28236FUZ-T7
Szczegółowy opis  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28236FUZ-T7 Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL28236FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ISL28236
9
FN6921.2
July 24, 2014
Submit Document Feedback
FIGURE 25. IOS vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 26. IOS vs TEMPERATURE, V+, V- = ±1.2V
FIGURE 27. CMRR vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 28. PSRR vs TEMPERATURE, V+, V- = ±1.2V
FIGURE 29. AVOL vs TEMPERATURE, V+, V- = ±2.5V,
VO = -2V TO +2V, RL = 100k
FIGURE 30. AVOL vs TEMPERATURE, V+, V- = ±2.5V,
VO = -2V TO +2V, RL = 1k
Typical Performance Curves V
+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. Plots labeled Min, Median, and Max correspond
to a distribution of devices in the SOIC package. (Continued)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
90
100
110
120
130
140
150
160
170
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
90
100
110
120
130
140
150
160
MIN
MEDIAN
MAX
0
204060
80
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
-40
-20
60
560
1060
1560
2060
2560
3060
3560
4060
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
60
80
100
120
140
160
180
200
220
MIN
MEDIAN
MAX
ISL28236


Podobny numer części - ISL28236FUZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28236FUZ-T7 INTERSIL-ISL28236FUZ-T7 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28236FUZ-T7 RENESAS-ISL28236FUZ-T7 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28236FUZ-T7A RENESAS-ISL28236FUZ-T7A Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Podobny opis - ISL28236FUZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com