Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54062IRTZ-T Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL54062IRTZ-T
Szczegółowy opis  Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54062IRTZ-T Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL54062IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54062IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54062IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54062IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54062IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54062IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54062IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54062IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54062IRTZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6581.1
November 3, 2009
Detailed Description
The ISL54062 is a bi-directional, dual single pole-double
throw (SPDT) analog switch that offers precise switching
from a single 1.8V to 6.5V supply with low ON-resistance
(0.83
Ω), high speed operation (tON =55ns, tOFF = 18ns) and
negative signal swing capability. The device is especially
well suited for portable battery powered equipment due to its
low operating supply voltage (1.8V), low power consumption
(20nA @ 3V), and a tiny 1.8mmx1.4mm µ
TQFN package or a
3x3 TDFN package. The low ON-resistance and rON flatness
provide very low insertion loss and signal distortion for
applications that require signal switching with minimal
interference by the switch.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. The ISL54062
contains ESD protection diodes on each pin of the IC
(see Figure 9). These diodes connect to either a +Ring or
-Ring for ESD protection. To prevent forward biasing the
ESD diodes to the +Ring, V+ must be applied before any
input signals, and the input signal voltages must remain
between recommended operating range.
If these conditions cannot be guaranteed, then precautions
must be implemented to prohibit the current and voltage at
the logic pin and signal pins from exceeding the maximum
ratings of the switch. The following two methods can be used
to provided additional protection to limit the current in the
event that the voltage at a logic pin or switch terminal goes
above the V+ rail.
Logic inputs can be protected by adding a 1k
Ω resistor in
series with the logic input (see Figure 9). The resistor limits
the input current below the threshold that produces
permanent damage.
This method is not acceptable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low rON switch. Alternatively, connecting
external Schottky diodes from the V+ rail to the signal pins
will shunt the fault current through the Schottky diode
instead of through the internal ESD diodes, thereby
protecting the switch. These Schottky diodes must be sized
to handle the expected fault current.
Power-Supply Considerations
The ISL54062 construction is typical of most single supply
CMOS analog switches which have two supply pins: V+ and
GND. V+ and GND provide the CMOS switch bias and sets
their analog voltage limits. Unlike switches with a 5.5V
maximum supply voltage, the ISL54062’s 6.5V maximum
supply voltage provides plenty of head room for the 10%
tolerance of 5V supplies due to overshoot and noise spikes.
FIGURE 8A. CLICK AND POP WAVEFORM
FIGURE 8B. CLICK AND POP TEST CIRCUIT
FIGURE 8. CLICK AND POP ELIMINATION
Test Circuits and Waveforms (Continued)
tD
VDC
VINx*
*VINx waveform for Click and Pop Elimination on NOx terminal.
For Click and Pop Elimination on NCx terminal invert VINx.
tD = 200ms measured at 50% points.
0V
0V
tD
CLICK AND POP
CIRCUITRY
RL
220uF
220uF
INx
COMx
NCx
NOx
VDC
VDC
GND
VCOMx
VNCx
V+
LOGIC
INPUTS
VNOx
-RING
+RING
CLAMP
1k
Ω
FIGURE 9. OVERVOLTAGE PROTECTION
ISL54062


Podobny numer części - ISL54062IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54062IRTZ-T INTERSIL-ISL54062IRTZ-T Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
logo
Renesas Technology Corp
ISL54062IRTZ-T RENESAS-ISL54062IRTZ-T Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
More results

Podobny opis - ISL54062IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
719Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com