Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54102CQZ Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL54102CQZ
Szczegółowy opis  TMDS Regenerators with Multiplexers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54102CQZ Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL54102CQZ Datasheet HTML 6Page - Intersil Corporation ISL54102CQZ Datasheet HTML 7Page - Intersil Corporation ISL54102CQZ Datasheet HTML 8Page - Intersil Corporation ISL54102CQZ Datasheet HTML 9Page - Intersil Corporation ISL54102CQZ Datasheet HTML 10Page - Intersil Corporation ISL54102CQZ Datasheet HTML 11Page - Intersil Corporation ISL54102CQZ Datasheet HTML 12Page - Intersil Corporation ISL54102CQZ Datasheet HTML 13Page - Intersil Corporation ISL54102CQZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN6275.5
June 4, 2008
0x03
Input Control (0x12)
Recommended default: 0x62
0
Tri-state Unselected
Clock Inputs
0: Normal Operation
1: Termination of unselected TMDS clock inputs is tri-stated
to save power. Setting this bit will disable the activity detect
function. This bit should not be set in crosspoint
configuration because it will make the clock termination
resistance variable depending on which 2 inputs are
selected. In general, this bit should always be set to 0.
1
Tri-state Unselected
Data Inputs
0: Normal Operation
1: Unselected Data inputs are tri-stated to save power. This
bit should not be set in crosspoint configuration because it
will make the data input termination resistance variable
depending on which 2 inputs are selected. (default)
2
Tri-state Selected
Clock Inputs
0: Selected Clock inputs are terminated into
50
Ω/100Ω.
1: Selected Clock inputs are tri-stated (to allow chip to
operate in parallel with another TMDS receiver with fixed
50
Ω termination)
3
Tri-state Selected
Data Inputs
0: Selected Data inputs are terminated into
50
Ω/100Ω.
1: Selected Data inputs are tri-stated (to allow chip to
operate in parallel with another TMDS receiver with fixed
50
Ω termination)
4
Activity Detect Mode 0: AC Activity. Activity detection is based on the presence of
AC activity on TMDS clock inputs. This setting (along with a
hysteresis of 20mV enabled) provides reliable activity
detection. (recommended setting)
1: Common Mode Voltage. If the common mode voltage is
above ~3.05V, the input is considered inactive. This method
has been found to be unreliable with small signal swings and
should not be used. This setting is the silicon default but
should be changed in software for more reliable activity
detection.
5
Clock Rx Hysteresis
Enables hysteresis for the clock inputs to prevent false clock
detection when both inputs are high. Data inputs do not get
hysteresis.
0: TMDS input hysteresis disabled
1: TMDS input hysteresis enabled. Eliminates false activity
detects on unconnected channels. (recommended setting)
6
Clock Rx Hysteresis
Magnitude
Controls the amount of hysteresis in the clock inputs.
0: 10mV
1: 20mV (recommended setting)
7
Recalibrate
0: Normal Operation
1: Recalibrates termination resistance. To recalibrate, take
this bit high, wait at least 1ms, then take this bit low.
Calibration is automatically done after power-on, but
performing a recalibration after the supply voltage and
temperature have stabilized may result in termination
resistances closer to the desired 50
Ω.
Register Listing (Continued)
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(S)
FUNCTION NAME
DESCRIPTION
ISL54100, ISL54101, ISL54102


Podobny numer części - ISL54102CQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54102CQZ INTERSIL-ISL54102CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Renesas Technology Corp
ISL54102CQZ RENESAS-ISL54102CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
More results

Podobny opis - ISL54102CQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100 INTERSIL-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100ACQZ INTERSIL-ISL54100ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com