Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54102ACQZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL54102ACQZ
Szczegółowy opis  TMDS Regenerators with Multiplexers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54102ACQZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL54102ACQZ Datasheet HTML 1Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 2Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 3Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 4Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 5Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 6Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 7Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 8Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
ISL54100A, ISL54101A, ISL54102A
TMDS Regenerators with Multiplexers
The ISL54100A, ISL54101A, ISL54102A are high-
performance TMDS (Transition Minimized Differential
Signaling) timing regenerators and multiplexers. The
receiver contains a programmable equalizer and a clock
data recovery (CDR) function for each of the 3 TMDS pairs
in an HDMI or DVI signal. The TMDS data outputs of the
ISL5410xA are regenerated and perfectly aligned to the
regenerated TMDS clock signal, creating an extremely
clean, low-jitter DVI/HDMI signal that can be easily
decoded by any TMDS receiver.
The ISL5410xA’s design and package footprint supports
many compound configurations. Two ISL54100As can
create a DualLink 4:1 mux, a 4:2 crosspoint, or an 8:1 mux.
Additional ISL54100As can create larger combinations of
these building blocks. The ISL54102A with its 2:1
multiplexing function serves applications with fewer inputs,
while the ISL54101A can be used as a cable extender, to
clean up a noisy/jittery TMDS source, or to provide a very
stable TMDS signal to a marginal DVI or HDMI receiver.
Certified HDMI 1.3a compliant by the HDMI ATC for the
following features: 12 bit Deep Color (1080i/720p
guaranteed, 1080p typical), x.v.Color™, and all HDMI1.3
audio formats and options.
Features
• ISL54100A: 4:1 TMDS regenerator and multiplexer
• ISL54101A: 1:1 TMDS regenerator
• ISL54102A: 2:1 TMDS regenerator and multiplexer
• Clock Data Recovery and Retiming function enables use
as TMDS range extender
• Programmable pre-emphasis on output driver
• Channel activity detect based on input TMDS clock activity
• Symmetrical pinout enables high-performance DualLink,
4:2 crosspoint and 8:1 multiplexing options
• Programmable internal 50
Ω, 100Ω, or high-Z termination
• External pins for channel select, activity detection
• Stand-alone or I2C software-controlled operation
• Hardware, software, or automatic channel selection
• Pb-free (RoHS compliant)
Applications
• KVM switches
• A/V receivers
• DVI/HDMI extenders
• Televisions/PC monitors/projectors
Block Diagrams
4X2
TMDS IN (A)
RECOVERY AND
REGENERATION
4X2
4X2
4X2
TMDS IN (B)
TMDS IN (C)
TMDS IN (D)
TMDS TX
TMDS OUT
4X2
ISL54100A
RECOVERY AND
REGENERATION
4X2
TMDS IN
TMDS TX
TMDS OUT
4X2
ISL54101A
4X2
TMDS IN (A)
RECOVERY AND
REGENERATION
4X2
TMDS IN (B)
TMDS TX
TMDS OUT
4X2
ISL54102A
Key Features
Data Sheet
June 17, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
FN6725.0


Podobny numer części - ISL54102ACQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54102ACQZ INTERSIL-ISL54102ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Renesas Technology Corp
ISL54102ACQZ RENESAS-ISL54102ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
More results

Podobny opis - ISL54102ACQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100 INTERSIL-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com