Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54406IRTZ-T Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL54406IRTZ-T
Szczegółowy opis  Stereo Click and Pop Eliminator with Audio Muting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54406IRTZ-T Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL54406IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54406IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Stereo Click and Pop Eliminator with Audio Muting
ISL54406
The Intersil ISL54406 is a Dual SPST (Single Pole/Single
Throw) switch that provides a very low distortion audio
path for a stereo headphone or high impedance line-in
load. This path can be interrupted to provide >110dB of
off-isolation for signal muting purposes into 32Ω or high
impedance loads such as consumer entertainment
system line-inputs, MP3 docking systems for powered
speaker or automotive entertainment system in-line or
cassette interfaces. Recovery from muting is instant
even with very large DC blocking capacitors.
The ISL54406 also has comprehensive Click and Pop
elimination measures to prevent these artifacts from
occurring in the load due to system power-up/power-
down, codec enable/disable, headphone hot plug in,
and audio muting on/off situations. The Click and Pop
elimination is effective into low and high impedance
loads and requires no external timing components to
deal with DC blocking capacitors placed between the
single supply codec and the load.
The ISL54406 is available in a 10 Ld TDFN (3mmx3mm)
or a tiny 10 Ld µTQFN (1.8mmx1.4mm) ultra-thin
package. It operates over a temperature range of -40 to
+85°C.
Features
• Single Supply Operation (VDD) . . . . +2.7V to +5.0V
• Negative Signal Swing Capability . . . . . . . . . . . -1.5V
•Low THD
-THD+N at 1mW into 32Ω Load. . . . . . . . . <0.02%
• Click and Pop Elimination . . . . . . . . . . . . . . . >60dB
• Audio Muting . . . . . . . . . . . . . . . . . . . . . . >110dB
• Low Power Consumption. . . . . . 21µW with 3V supply
• Low Power Shutdown Mode
• 1.8V Logic Compatible
• Available in 10 Ld TDFN (3mmx3mm) or tiny
10 Ld (1.8mmx1.4mm) µTQFN Package
• Pb-Free (RoHS Compliant)
Applications
• Consumer Entertainment Systems
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Audio Switching and Muting
Related Literature*(see page 14)
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”.
• Application Note AN1368 “ISL54406EVAL1Z
Evaluation Board User’s Manual”
Application Block Diagram
ISL54406
AUDIO
LOUT
ROUT
SEL1
GND
LIN
VDD
SEL2
LOGIC
µCONTROLLER
CODEC
CLICK AND POP
3.3V
CIRCUITRY
RIN
CONTROL
0.1µF
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
July 14, 2010
FN6578.1


Podobny numer części - ISL54406IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54406IRTZ-T INTERSIL-ISL54406IRTZ-T Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Renesas Technology Corp
ISL54406IRTZ-T RENESAS-ISL54406IRTZ-T Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
More results

Podobny opis - ISL54406IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
   SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com