Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55143IRZ Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL55143IRZ
Szczegółowy opis  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55143IRZ Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL55143IRZ Datasheet HTML 3Page - Intersil Corporation ISL55143IRZ Datasheet HTML 4Page - Intersil Corporation ISL55143IRZ Datasheet HTML 5Page - Intersil Corporation ISL55143IRZ Datasheet HTML 6Page - Intersil Corporation ISL55143IRZ Datasheet HTML 7Page - Intersil Corporation ISL55143IRZ Datasheet HTML 8Page - Intersil Corporation ISL55143IRZ Datasheet HTML 9Page - Intersil Corporation ISL55143IRZ Datasheet HTML 10Page - Intersil Corporation ISL55143IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN6230.4
August 13, 2015
The maximum power dissipation allowed in a package is
determined according to Equation 1.
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
Approximate Power Dissipation
(Typ) P = N*[(VCC-VEE)*8.25mW + 90pF*(VCC-VEE)^2*f +
CL*(VOH-VOL)^2*f]
where:
N is the number of comparators in the chip
(1 for ISL55141, 2 for ISL55142 and 4 for ISL55143).
(f) is the operating frequency.
CL is the load capacitor.
The power dissipation calculated from the above formula
may have an error of ±20 to 25%.
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads.
Power also depends on the number of channels changing
state and frequency of operation. The extent of continuous
active pattern generation/reception will greatly affect
dissipation requirements.
The user should evaluate various heat sink/cooling options
in order to control the ambient temperature part of the
equation. This is especially true if the user’s applications
require continuous, high-speed operation.
Note: The reader is cautioned against assuming the same
level of thermal performance in actual applications. A careful
inspection of conditions in your application should be
conducted.
Power Supply Information
Circuit design must always take into account the internal
EOS/ESD protection structure of the device.
Important Note: The QFN package metal plane is used for
heat sinking of the device. It is electrically connected to the
negative supply potential (VEE). If VEE is tied to ground, the
thermal pad can be connected to ground. Otherwise, the
thermal pad (VEE) must be isolated from other power
planes.
Power Supply Sequencing
The ISL55141, ISL55142, ISL55143 reference every supply
with respect to VEE. Therefore, apply VEE, VOL then VCC
followed by the CVA and CVB supplies. The comparator
VINP pin should not exceed VEE or VCC during power-up.
In cases where inputs may exceed voltage rails during
power-up, series resistance should be employed to
safeguard EOS to the ESD protection diodes.
PDMAX
TJMAX - TAMAX
JA
---------------------------------------------
=
(EQ. 1)
VEE
VOH
VINP
OPTIONAL PROTECTION
VCC
DIODE
OPTIONAL PROTECTION
DIODE
QA
QB
VOL
CVA
CVB
ISL55141, ISL55142, ISL55143


Podobny numer części - ISL55143IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55143IRZ RENESAS-ISL55143IRZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

Podobny opis - ISL55143IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141_0607 INTERSIL-ISL55141_0607 Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com